Electronic Components Datasheet Search
  English  ▼

X  

DM8147SCIS0 Datasheet(PDF) 31 Page - Texas Instruments

Click here to check the latest version.
Part # DM8147SCIS0
Description  DaVinci Video Processors
PDF  377 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM8147SCIS0 Datasheet(HTML) 31 Page - Texas Instruments

Back Button DM8147SCIS0 Datasheet HTML 27Page - Texas Instruments DM8147SCIS0 Datasheet HTML 28Page - Texas Instruments DM8147SCIS0 Datasheet HTML 29Page - Texas Instruments DM8147SCIS0 Datasheet HTML 30Page - Texas Instruments DM8147SCIS0 Datasheet HTML 31Page - Texas Instruments DM8147SCIS0 Datasheet HTML 32Page - Texas Instruments DM8147SCIS0 Datasheet HTML 33Page - Texas Instruments DM8147SCIS0 Datasheet HTML 34Page - Texas Instruments DM8147SCIS0 Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 377 page
background image
TMS320DM8148, TMS320DM8147
www.ti.com
SPRS647E – MARCH 2011 – REVISED DECEMBER 2013
Table 2-7. L4 Slow Peripheral Memory Map (continued)
Cortex-A8 and L3 Masters
C674x DSP
START
SIZE
DEVICE NAME
END ADDRESS
START
END ADDRESS
ADDRESS
(HEX)
ADDRESS (HEX)
(HEX)
(HEX)
0x4804_5000
0x4804_5FFF
0x0804_5000
0x0804_5FFF
4KB
TIMER4 Support Registers
0x4804_6000
0x4804_6FFF
0x0804_6000
0x0804_6FFF
4KB
TIMER5 Peripheral Registers
0x4804_7000
0x4804_7FFF
0x0804_7000
0x0804_7FFF
4KB
TIMER5 Support Registers
0x4804_8000
0x4804_8FFF
0x0804_8000
0x0804_8FFF
4KB
TIMER6 Peripheral Registers
0x4804_9000
0x4804_9FFF
0x0804_9000
0x0804_9FFF
4KB
TIMER6 Support Registers
0x4804_A000
0x4804_AFFF
0x0804_A000
0x0804_AFFF
4KB
TIMER7 Peripheral Registers
0x4804_B000
0x4804_BFFF
0x0804_B000
0x0804_BFFF
4KB
TIMER7 Support Registers
0x4804_C000
0x4804_CFFF
0x0804_C000
0x0804_CFFF
4KB
GPIO1 Peripheral Registers
0x4804_D000
0x4804_DFFF
0x0804_D000
0x0804_DFFF
4KB
GPIO1 Support Registers
0x4804_E000
0x4804_FFFF
0x0804_E000
0x0804_FFFF
8KB
Reserved
0x4805_0000
0x4805_1FFF
0x0805_0000
0x0805_1FFF
8KB
McASP2 CFG Peripheral Registers
0x4805_2000
0x4805_2FFF
0x0805_2000
0x0805_2FFF
4KB
McASP2 CFG Support Registers
0x4805_3000
0x4805_FFFF
0x0805_3000
0x0805_FFFF
52KB
Reserved
0x4806_0000
0x4806_FFFF
64KB
MMC/SD/SDIO0 Peripheral Registers
0x4807_0000
0x4807_0FFF
4KB
MMC/SD/SDIO0 Support Registers
0x4807_1000
0x4807_FFFF
0x0807_1000
0x0807_FFFF
60KB
Reserved
0x4808_0000
0x4808_FFFF
64KB
ELM Peripheral Registers
0x4809_0000
0x4809_0FFF
4KB
ELM Support Registers
0x4809_1000
0x4809_FFFF
0x0809_1000
0x0809_FFFF
60KB
Reserved
0x480A_0000
0x480A_FFFF
0x080A_0000
0x080A_FFFF
64KB
Reserved
0x480B_0000
0x480B_0FFF
0x080B_0000
0x080B_0FFF
4KB
Reserved
0x480B_1000
0x480B_FFFF
0x080B_1000
0x080B_FFFF
60KB
Reserved
0x480C_0000
0x480C_0FFF
4KB
RTC Peripheral Registers
0x480C_1000
0x480C_1FFF
4KB
RTC Support Registers
0x480C_2000
0x480C_3FFF
0x080C_2000
0x080C_3FFF
8KB
Reserved
0x480C_4000
0x480C_7FFF
0x080C_4000
0x080C_7FFF
16KB
Reserved
0x480C_8000
0x480C_8FFF
0x080C_8000
0x080C_8FFF
4KB
Mailbox Peripheral Registers
0x480C_9000
0x480C_9FFF
0x080C_9000
0x080C_9FFF
4KB
Mailbox Support Registers
0x480C_A000
0x480C_AFFF
0x080C_A000
0x080C_AFFF
4KB
Spinlock Peripheral Registers
0x480C_B000
0x480C_BFFF
0x080C_B000
0x080C_BFFF
4KB
Spinlock Support Registers
0x480C_C000
0x480F_FFFF
0x080C_C000
0x080F_FFFF
208KB
Reserved
0x4810_0000
0x4811_FFFF
128KB
HDVPSS Peripheral Registers
0x4812_0000
0x4812_0FFF
4KB
HDVPSS Support Registers
0x4812_1000
0x4812_1FFF
0x0812_1000
0x0812_1FFF
4KB
Reserved
0x4812_2000
0x4812_2FFF
4KB
HDMI Peripheral Registers
0x4812_3000
0x4812_3FFF
4KB
HDMI Support Registers
0x4812_4000
0x4813_FFFF
0x0812_4000
0x0813_FFFF
112KB
Reserved
0x4814_0000
0x4815_FFFF
0x0814_0000
0x0815_FFFF
128KB
Control Module Peripheral Registers
(C674x DSP Restricted to only
exposed peripherals)
0x4816_0000
0x4816_0FFF
0x0816_0000
0x0816_0FFF
4KB
Control Module Support Registers
(C674x DSP Restricted to only
exposed peripherals)
0x4816_1000
0x4817_FFFF
0x0816_1000
0x0817_FFFF
124KB
Reserved
0x4818_0000
0x4818_2FFF
0x0818_0000
0x0818_2FFF
12KB
PRCM Peripheral Registers
(C674x DSP Restricted to only
exposed peripherals)
Copyright © 2011–2013, Texas Instruments Incorporated
Device Overview
31
Submit Documentation Feedback
Product Folder Links: TMS320DM8148 TMS320DM8147



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com