Electronic Components Datasheet Search
  English  ▼

X  

DM8147SCIS0 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # DM8147SCIS0
Description  DaVinci Video Processors
PDF  377 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM8147SCIS0 Datasheet(HTML) 11 Page - Texas Instruments

Back Button DM8147SCIS0 Datasheet HTML 7Page - Texas Instruments DM8147SCIS0 Datasheet HTML 8Page - Texas Instruments DM8147SCIS0 Datasheet HTML 9Page - Texas Instruments DM8147SCIS0 Datasheet HTML 10Page - Texas Instruments DM8147SCIS0 Datasheet HTML 11Page - Texas Instruments DM8147SCIS0 Datasheet HTML 12Page - Texas Instruments DM8147SCIS0 Datasheet HTML 13Page - Texas Instruments DM8147SCIS0 Datasheet HTML 14Page - Texas Instruments DM8147SCIS0 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 377 page
background image
TMS320DM8148, TMS320DM8147
www.ti.com
SPRS647E – MARCH 2011 – REVISED DECEMBER 2013
SEE
ADDITIONS/MODIFICATIONS/DELETIONS
Table 8-66, Compatible JEDEC DDR3 Devices (Per Interface):
Section 8.13.4.2.4.1
Compatible JEDEC DDR3 •
Updated/Changed the max clock rate in footnote, "DDR3 devices with speed...." from "400" MHz to
Devices
"533" MHz
Table 8-78, Timing Requirements for McASP:
Section 8.14.3
•
Updated/Changed McASP1 Only ACLKR/X ext out, MIN value for NO. 5, tsu(AFSRX-ACLKRX), Setup
McASP (McASP[5:0])
time, MCA[x]_AFSR/X input valid before MCA[X]_ACLKR/X from "4" to "2" ns.
Electrical Data/Timing
•
Updated/Changed McASP1 Only ACLKR/X ext out, MIN value for NO. 7,tsu(AXR-ACLKRX), Setup
time, MCA[x]_AXR input valid before MCA[X]_ACLKR/X from "4" to "2" ns.
Table 8-80, McBSP Registers:
Section 8.15
•
Updated/Changed McBSP HEX ADDRESS range from "0x4700 0000 - 0x4700 00C0" to "0x4700
Multichannel Buffered
0100 – 0x4700 01C0" (DDR_REG to STATUS_REG)
Serial Port (McBSP)
•
Added McBSP registers in HEX ADDRESS range "0x4700 0000 – 0x4700 004C" (REVNB to
DMATXWAKE_EN)
Section 9.1.2
Figure 9-1, Device Nomenclature:
Device and Development- •
Added "D = -40ºC to 90ºC, Industrial Temperature" to the TEMPERATURE RANGE area
Support Tool
Nomenclature
Copyright © 2011–2013, Texas Instruments Incorporated
Contents
11
Submit Documentation Feedback
Product Folder Links: TMS320DM8148 TMS320DM8147



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com