Electronic Components Datasheet Search
  English  ▼

X  

DM8147SCIS0 Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # DM8147SCIS0
Description  DaVinci Video Processors
PDF  377 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM8147SCIS0 Datasheet(HTML) 33 Page - Texas Instruments

Back Button DM8147SCIS0 Datasheet HTML 29Page - Texas Instruments DM8147SCIS0 Datasheet HTML 30Page - Texas Instruments DM8147SCIS0 Datasheet HTML 31Page - Texas Instruments DM8147SCIS0 Datasheet HTML 32Page - Texas Instruments DM8147SCIS0 Datasheet HTML 33Page - Texas Instruments DM8147SCIS0 Datasheet HTML 34Page - Texas Instruments DM8147SCIS0 Datasheet HTML 35Page - Texas Instruments DM8147SCIS0 Datasheet HTML 36Page - Texas Instruments DM8147SCIS0 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 377 page
background image
TMS320DM8148, TMS320DM8147
www.ti.com
SPRS647E – MARCH 2011 – REVISED DECEMBER 2013
Table 2-7. L4 Slow Peripheral Memory Map (continued)
Cortex-A8 and L3 Masters
C674x DSP
START
SIZE
DEVICE NAME
END ADDRESS
START
END ADDRESS
ADDRESS
(HEX)
ADDRESS (HEX)
(HEX)
(HEX)
0x481C_E000
0x481C_FFFF
8KB
DCAN0 Support Registers
0x481D_0000
0x481D_1FFF
8KB
DCAN1 Peripheral Registers
0x481D_2000
0x481D_3FFF
8KB
DCAN1 Support Registers
0x481D_4000
0x481D_5FFF
0x081D_4000
0x081D_5FFF
8KB
Reserved
0x481D_6000
0x481D_6FFF
0x081D_6000
0x081D_6FFF
4KB
Reserved
0x481D_7000
0x481D_7FFF
0x081D_7000
0x081D_7FFF
4KB
Reserved
0x481D_8000
0x481E_7FFF
64KB
MMC/SD/SDIO1 Peripheral Registers
0x481E_8000
0x481E_8FFF
4KB
MMC/SD/SDIO1 Support Registers
0x481E_9000
0x481F_FFFF
0x081E_9000
0x081F_FFFF
52KB
Reserved
0x4820_0000
0x4820_0FFF
4KB
Interrupt controller(1)
0x4820_1000
0x4823_FFFF
0x0820_1000
0x0823_FFFF
252KB
Reserved(1)
0x4824_0000
0x4824_0FFF
4KB
MPUSS config register(1)
0x4824_1000
0x4827_FFFF
0x0824_1000
0x0827_FFFF
252KB
Reserved(1)
0x4828_0000
0x4828_0FFF
4KB
Reserved(1)
0x4828_1000
0x482F_FFFF
0x0828_1000
0x082F_FFFF
508KB
Reserved(1)
0x4830_0000
0x48FF_FFFF
0x0830_0000
0x08FF_FFFF
13MB
Reserved
(1)
These regions decoded internally by the Cortex™-A8 Subsystem and are not physically part of the L4 Slow. They are included here only
for reference when considering the Cortex™-A8 Memory Map. For Masters other than the Cortex-A8 these regions are reserved.
2.12.5 DDR DMM TILER Extended Addressing Map
The TILER includes an additional 4-GBytes of addressing range, enabled by a 33rd address bit, to access
the frame buffer in rotated and mirrored views. shows the details of the TILER Extended Address
Mapping. This entirety of this additional range is only accessible to the HDVPSS and ISS subsystems.
However, other masters can access any one single view through the 512-MB TILER region in the base
4GByte address memory map.
Table 2-8. DDR DMM TILER Extended Address Mapping
START ADDRESS
END ADDRESS
BLOCK NAME
SIZE
DESCRIPTION
(HEX)
(HEX)
TILER View 0
0x1 0000_0000
0x1 1FFF_FFFF
512MB
Natural 0° View
TILER View 1
0x1 2000_0000
0x1 3FFF_FFFF
512MB
0° with Vertical Mirror
View
TILER View 2
0x1 4000_0000
0x1 5FFF_FFFF
512MB
0° with Horizontal Mirror
View
TILER View 3
0x1 6000_0000
0x1 7FFF_FFFF
512MB
180° View
TILER View 4
0x1 8000_0000
0x1 9FFF_FFFF
512MB
90° with Vertical Mirror
View
TILER View 5
0x1 A000_0000
0x1 BFFF_FFFF
512MB
270° View
TILER View 6
0x1 C000_0000
0x1 DFFF_FFFF
512MB
90° View
TILER View 7
0x1 E000_0000
0x1 FFFF_FFFF
512MB
90° with Horizontal Mirror
View
Copyright © 2011–2013, Texas Instruments Incorporated
Device Overview
33
Submit Documentation Feedback
Product Folder Links: TMS320DM8148 TMS320DM8147



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com