Electronic Components Datasheet Search
  English  ▼

X  

TMS320VC5470 Datasheet(PDF) 52 Page - Texas Instruments

Part # TMS320VC5470
Description  Fixed-Point Digital Signal Processor
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5470 Datasheet(HTML) 52 Page - Texas Instruments

Back Button TMS320VC5470 Datasheet HTML 48Page - Texas Instruments TMS320VC5470 Datasheet HTML 49Page - Texas Instruments TMS320VC5470 Datasheet HTML 50Page - Texas Instruments TMS320VC5470 Datasheet HTML 51Page - Texas Instruments TMS320VC5470 Datasheet HTML 52Page - Texas Instruments TMS320VC5470 Datasheet HTML 53Page - Texas Instruments TMS320VC5470 Datasheet HTML 54Page - Texas Instruments TMS320VC5470 Datasheet HTML 55Page - Texas Instruments TMS320VC5470 Datasheet HTML 56Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 93 page
background image
MCU Subsystem Functional Overview
42
December 2001 – Revised December 2002
SPRS017B
Some tools that only understand one type of processor may be configured for use with 5470 even when other
devices are on the ASIC scan chain. This is done by instructing the tools to place the other “unrecognized”
devices on the JTAG scan chain in their “BYPASS” modes. While the exact configuration methods are beyond
the scope of this document, the key is to understand the length of the instruction registers for the TAP
controllers so that the correct BYPASS instructions can be issued. For the 5470, this methodology would only
apply to the 5470 emulation mode where all three TAP controllers are in the JTAG scan chain (EMU1 =
EMU0 = ’1’ at TRST rising edge). The JTAG TAP controller instruction register lengths are listed in Table 4–8.
Table 4–8. JTAG TAP Controller Instruction Register Lengths
INSTRUCTION REGISTER LENGTH
JTAG TAP CONTROLLER
4 bits
ARM7TDMIE core
8 bits
C54x
DSP core
8 bits
ASIC Logic TAP Controller



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com