Electronic Components Datasheet Search
  English  ▼

X  

TMS320VC5470 Datasheet(PDF) 22 Page - Texas Instruments

Part # TMS320VC5470
Description  Fixed-Point Digital Signal Processor
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5470 Datasheet(HTML) 22 Page - Texas Instruments

Back Button TMS320VC5470 Datasheet HTML 18Page - Texas Instruments TMS320VC5470 Datasheet HTML 19Page - Texas Instruments TMS320VC5470 Datasheet HTML 20Page - Texas Instruments TMS320VC5470 Datasheet HTML 21Page - Texas Instruments TMS320VC5470 Datasheet HTML 22Page - Texas Instruments TMS320VC5470 Datasheet HTML 23Page - Texas Instruments TMS320VC5470 Datasheet HTML 24Page - Texas Instruments TMS320VC5470 Datasheet HTML 25Page - Texas Instruments TMS320VC5470 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 93 page
background image
DSP Subsystem Functional Overview
12
December 2001 – Revised December 2002
SPRS017B
The 5470 DSP subsystem includes the DSP CPU core, a programmable phase-locked loop (PLL) for clock
generation, an interface to external parallel devices, a timer, 72K words of RAM, two multichannel buffered
serial interfaces, an interface to allow MCU access to part of the DSP subsystem memory map, and a JTAG
interface.
3.1.1 DSP Memory Space and Buses
The 5470 subsystem has multiple memory spaces and four parallel buses that allow you to access both
program and data simultaneously. Each of the four buses access different memory spaces for different
aspects of the DSP operation:
•
The DSP subsystem includes 72K words of on-chip RAM, as well as an extensive external memory range,
which can be used to interface to a variety of memory types or peripherals.
•
The program bus (PB) reads from program memory space, which contains the instructions to be
executed.
•
The write data bus (EB) writes into data memory space, which stores data used by the instructions and
tables eventually used in execution. It also writes into I/O memory space.
•
The two read data buses (CB and DB) read data from the data memory space and the DB data bus
accesses I/O memory space. The I/O memory space interfaces to external memory-mapped peripherals
and can serve as extra data storage space.
3.1.2 DSP Scan-Based Emulation Logic
The 5470 DSP subsystem includes a dedicated emulation port for in-circuit emulation. The emulation port is
accessed directly by the Texas Instruments (TI) extended development system (XDS) hardware emulator and
provides emulation.
3.2
DSP Memory
The 5470 device implements 72K words of on-chip RAM as follows:
•
40K words of program-space single-access RAM (SARAM)
•
16K words of data space dual-access RAM (DARAM)
•
16K words of data space single-access RAM (SARAM)
Each block of DARAM may perform up to two DSP accesses in one machine cycle. The DSP subsystem may
also perform multiple accesses to separate memory blocks in one machine cycle. After a “normal” reset, the
data-space RAM blocks in the addresses between 0x0000 and 0x7FFF are mapped into data memory space
only, and the program space RAM blocks between 0x06000 and 0x0FFFF are mapped only to program space.
The OVLY and DROM bits can affect this as shown in Figure 3–2 and Figure 3–3.
3.2.1 DSP On-Chip RAM
The DSP subsystem features 72K x 16-bit of on-chip RAM (two blocks of 8K x 16-bit DARAM and seven blocks
of 8K x 16-bit SARAM). The DSP CPU can perform two accesses to a DARAM in one machine cycle (two
reads in one cycle, or a read and a write in one cycle). It can also perform multiple accesses to separate
memory blocks in one machine cycle.
After reset, the lower address range of the program space is mapped to external memory, the lower address
range of the data space is mapped with on-chip RAM blocks. However, the OVLY bit in the PMST register
can be used to map these RAM blocks into both program and data space.
3.2.2 Normal Mode DSP Memory Map
The normal mode DSP subsystem provides the memory map shown in Figure 3–2. This is the memory map
that applies when the API boot mode feature is not enabled. The normal mode memory map applies any time
that DSP register BSCR[4] (ABMDIS) is 1, or when MCU register DSP_REG[9] (DSP_APIBN) is 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com