| Electronic Components Datasheet Search |
|
TMS320VC5470 Datasheet(PDF) 17 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMS320VC5470 Datasheet(HTML) 17 Page - Texas Instruments |
|
17 / 93 page ![]() Introduction 7 December 2001 – Revised December 2002 SPRS017B 2.3 Terminal Functions Table 2–2 lists each terminal name, function, and operating mode(s) for the 5470 device. Some of the 5470 pins can be configured for one of two functions — a primary function and a secondary function. Table 2–3 provides a list of pins containing an internal pullup or pulldown function, including each pins functional pullup or pulldown value. Table 2–2. Terminal Functions TERMINAL NAME I/O/Z† DESCRIPTION GPIO00–GPIO04 I/O General-purpose input/output 00 through general-purpose input/output 04 GPIO05/SDRAM_CKE I/O General-purpose input/output 05 or SDRAM CKE signal GPIO06/CLK16X_IRDA/SD_IRDA I/O General-purpose input/output 06 or 16x Serial Transmit Clock or IRDA Transceiver Shutdown GPIO07/TX_IRDA/TXIR_IRDA I/O General-purpose input/output 07 or IRDA Transmit Data or IRDA Transmit Pulse GPIO08/RX_IRDA/RXIR_IRDA I/O General-purpose input/output 08 or IRDA Receive Data or IRDA Receive Pulse GPIO09/TX_MODEM I/O General-purpose input/output 09 or Modem TX Data Output GPIO10/RX_MODEM I/O General-purpose input/output 10 or Modem RX Data Input GPIO11/CTS_MODEM I/O General-purpose input/output 11 or Modem Clear-To-Send Input GPIO12/RTS_MODEM I/O General-purpose input/output 12 or Modem Ready-To-Send Output GPIO13/DCD_MODEM I/O General-purpose input/output 13 or Modem Carrier Detect Output GPIO14/MCUEN2 I/O General-purpose input/output 14 or SPI Enable Trigger bit 2 GPIO15/ MCUEN1 I/O General-purpose input/output 15 or SPI Enable Trigger bit 1 GPIO16/SDA I/O General-purpose input/output 16 or I2C Serial Data GPIO17/SCL I/O General-purpose input/output 17 or I2C Serial Clock GPIO18/AUDIO_CLK I/O General-purpose input/output 18 or Audio Clock output GPIO19/TIMER_OUT I/O General-purpose input/output 19 or MCU Timer 2 Output KBGPIO00 I/O Keyboard input/output 0 KBGPIO01/DSP_XF I/O Keyboard input/output 1or DSP XF output KBGPIO02/ARM_OPC I/O Keyboard input/output 2 or active-low MCU opcode fetch output KBGPIO03/ARM_MREQ I/O Keyboard input/output 3 or active-low MCU memory request output KBGPIO04/ARM_EXEC I/O Keyboard input/output 4 or active-low MCU executed output KBGPIO05/ARM_TBIT I/O Keyboard input/output 5 or MCU 16/32-bit instruction execution output KBGPIO06/ARM_FIQ I/O Keyboard input/output 6 or active-low MCU fast interrupt output KBGPIO07/ARM_IRQ I/O Keyboard input/output 7 or MCU normal interrupt output KBGPIO08–KBGPIO09 I/O Keyboard input/output bits 8–9‡ KBGPIO10/DSP_IACK I/O Keyboard input/output 10 or DSP interrupt acknowledge output‡ KBGPIO11/DSP_IAQ I/O Keyboard input/output 11 or active-low DSP instruction acquisition signal output‡ KBGPIO12/DSP_MSC I/O Keyboard input/output 12 or active-low DSP microstate complete signal output‡ KBGPIO13/DSP_TOUT I/O Keyboard input/output 13 or DSP timer output‡ KBGPIO14/ DSP_CLKOUT I/O Keyboard input/output 14 or DSP clock output‡ KBGPIO15/ARM_MCLK I/O Keyboard input/output 15 or MCU clock output‡ CLKX_SPI O SPI Serial clock MCUDI/EXTERN0 I SPI Input serial data/MCU EXTERN0 test signal input MCUDO/EXTERN1 I/O SPI Output serial data/MCU EXTERN1 test signal input † I = input, O = output, Z = high-impedance ‡ The KBGPIO[15:8] pins include integrated pullup resistors. § The ARM7TDMI core can operate in either little- or big-endian mode. The 5470 configures the ARM7TDMI core’s endianness by sampling this pin at the RESET rising edge. ¶ 5470 only supports MCU boot from a 16-bit or a 32-bit-wide memory implementation on CS0. The 5470 configures the ARM7TDMI starting instruction size, and width of memory connected to CS0, by sampling this pin at the RESET rising edge. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |