Electronic Components Datasheet Search
  English  ▼

X  

TMS320VC5470 Datasheet(PDF) 64 Page - Texas Instruments

Part # TMS320VC5470
Description  Fixed-Point Digital Signal Processor
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5470 Datasheet(HTML) 64 Page - Texas Instruments

Back Button TMS320VC5470 Datasheet HTML 60Page - Texas Instruments TMS320VC5470 Datasheet HTML 61Page - Texas Instruments TMS320VC5470 Datasheet HTML 62Page - Texas Instruments TMS320VC5470 Datasheet HTML 63Page - Texas Instruments TMS320VC5470 Datasheet HTML 64Page - Texas Instruments TMS320VC5470 Datasheet HTML 65Page - Texas Instruments TMS320VC5470 Datasheet HTML 66Page - Texas Instruments TMS320VC5470 Datasheet HTML 67Page - Texas Instruments TMS320VC5470 Datasheet HTML 68Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 93 page
background image
Electrical Specifications
54
December 2001 – Revised December 2002
SPRS017B
6.6.4 Parallel I/O Port Write Switching Characteristics
Table 6–11 assumes testing over recommended operating conditions with DSP_IOSTRB = 0 and
H = 0.5tc(CO) (see Figure 6–7).
Table 6–11. Parallel I/O Port Write Switching Characteristics†
PARAMETER
MIN
MAX
UNIT
td(CLKL-A)
Delay time, DSP_CLKOUT low to address valid
1.5
11.5
ns
td(CLKH-ISTRBL)
Delay time, DSP_CLKOUT high to DSP_IOSTRB low
1.5
11.5
ns
td(CLKH-D)IOW
Delay time, DSP_CLKOUT high to write data valid
1.5
11.5
ns
td(CLKH-ISTRBH)
Delay time, DSP_CLKOUT high to DSP_IOSTRB high
1.5
11.5
ns
td(CLKL-RWL)
Delay time, DSP_CLKOUT low to DSP_R/W low
1.5
11.5
ns
td(CLKL-RWH)
Delay time, DSP_CLKOUT low to DSP_R/W high
1.5
11.5
ns
th(A)IOW
Hold time, address valid after DSP_CLKOUT low
1.5
11.5
ns
th(D)IOW
Hold time, write data after DSP_IOSTRB high
H–3
H+3
ns
tsu(D)DSP_IOSTRBH Setup time, write data before DSP_IOSTRB high
H–3
H+3
ns
tsu(A)DSP_IOSTRBL Setup time, address valid before DSP_IOSTRB low
H–3
H+3
ns
† Address and DSP_IS timings are included in timings referenced as address.
DSP_IS
DSP_R/W
DSP_IOSTRB
DSP_D[15:0]
DSP_A[19:0]
DSP_CLKOUT
td(CLKH-ISTRBH)
th(A)IOW
th(D)IOW
td(CLKH-D)IOW
td(CLKH-ISTRBL)
td(CLKL-A)
td(CLKL-RWL)
td(CLKL-RWH)
tsu(A)DSP_IOSTRBL
tsu(D)DSP_IOSTRBH
Figure 6–7. Parallel I/O Port Write



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com