Electronic Components Datasheet Search
  English  ▼

X  

VT82C586B Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # VT82C586B
Description  PCI INTEGRATED PERIPHERAL CONTROLLER
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VT82C586B Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  VT82C586B Datasheet HTML 1Page - List of Unclassifed Manufacturers VT82C586B Datasheet HTML 2Page - List of Unclassifed Manufacturers VT82C586B Datasheet HTML 3Page - List of Unclassifed Manufacturers VT82C586B Datasheet HTML 4Page - List of Unclassifed Manufacturers VT82C586B Datasheet HTML 5Page - List of Unclassifed Manufacturers VT82C586B Datasheet HTML 6Page - List of Unclassifed Manufacturers VT82C586B Datasheet HTML 7Page - List of Unclassifed Manufacturers VT82C586B Datasheet HTML 8Page - List of Unclassifed Manufacturers VT82C586B Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 69 page
background image
9,$7HFKQRORJLHV,QF
VT82C586B
Revision 1.0 May 13, 1997
-i-
Revision History
REVISION HISTORY
Document Release
Date
Revision
Initials
Revision 0.1
10/13/96
Initial release for 586A
DH
Revision 0.5
12/23/96
reprinted
1/8/97
to fix
Acrobat
PDF file
size
problem
Update to reflect 586B:
• Updated pin definitions:
Pins 18,31,33,58,60,131,133 (removed EXTSMI2-7 & DACEN)
Pins 77-78,80-83,85-86 (added GPI8-15 and GPO8-15)
Pins 94,87-88,92,136 (changed to GPIO0-4 and added alternate functions)
Pins 90,106,137 (added MIRQ0, MIRQ1, and MIRQ2 functions)
Pins 91,93,103,107 (changed to PWRBTN#, RI#, VDD-5VSB, PWRON)
Pins 113-114,116-119,121-122 (added GPI, GPO, and EXTSMI functions)
Fixed doc error DACK0-7 pin names changed to active low (DACK0-7#)
Removed options: IRQ12 (pin 137), strap (pin 48), RTCAS (pin 94)
• Updated register definitions
Removed VIA-specific port A8/A9 registers
Updated function 0 Rx5-4[3], Rx7-6[13], Rx41[0-4,6-7], Rx42[4-7], Rx44,
Rx46[2-4], Rx47[3], Rx48[3], Rx4A[4-6], Removed Rx50 (MDRQ)
Rx55[7-4] change PIRQD# to MIRQ1, Rx56 swap A/B, Rx57 swap C/D
Added 58-5B for PnP, XD, KBC/RTC config; added 60-6F for DDMA ctrl
Removed power mgmt regs 80-94 & added function 3 ACPI Power Mgmt
• Straps: moved 95-96 to 5A, allow RW after powerup, removed strap XD3
• Expanded CMOS RAM: added ports 72-75 & table 5 CMOS Reg Summary
• Added Power Management Subsystem Overview
• Incorporated App Note #53 APM-Compliant Pwr Mgmt Model of 82C586A
• Added AC Timing Section with IDE Interface Timing Diagrams & Specs
DH
Revision 1.0
5/13/97
• Overview Changes: Added System Block Diagram
• Pin Function Changes:
Pin 90 added alternate function "POS" output (3040F and 3041 silicon)
Pin 106 added alternate function "IRQ8#" input (3040F and 3041 silicon)
Pin 137 added alternate function "SDDIR" output (3041 only silicon)
• Register Definition Changes:
Fixed typos: Port 75 note, Fn0 Rx48[3], Rx55-57[7:0]; Fn1 Rx4[7]; Fn2
Rx3C-3D; Fn3 Rx26[9], Rx2F, Rx62-63, Table 7
Added missing register: Function 0 Rx59[3] MIRQ Pin Config Register
Function 0 PCI-to-ISA Bridge (3041 only silicon)
Rx08[7:0] (changed) Revision Code Register
Rx2C[31:0] (new) Subsystem ID Register (read)
Rx41[0] (changed) ISA Test Mode Register
Rx46[7:5] and Rx48[5:4] (new) Misc Control Registers 1 and 3
Rx5C[0] (new) DMA Control Register
Rx70[31:0] (new) Subsystem ID Register (write)
Function 1 IDE Controller (3041 only silicon)
Rx43[7] (new) FIFO Configuration Register
Rx44[1:0] (new) Misc Control Register 1
Function 3 Power Management (3040F and 3041 silicon)
Rx04[0] (moved to Rx41[7]) Command Register
Rx08[7:0] (changed) Revision ID Register
Rx10[4:1], Rx14 (changed) Processor Control and Processor Level 2
Rx20[31:0] (moved to Rx48) I/O Base Address Register
Power Management I/O(3040F and 3041 silicon)
Rx40[6:5] (new) GPIO Direction Control Register
• Electrical Spec Changes: Added PCI Cycle Timing
• Mechanical Spec Changes: Added marking specs for 3040E/F, 3041 silicon
DH
Incorrect
Change



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com