Electronic Components Datasheet Search
  English  ▼

X  

VT82C586B Datasheet(PDF) 49 Page - List of Unclassifed Manufacturers

Part # VT82C586B
Description  PCI INTEGRATED PERIPHERAL CONTROLLER
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VT82C586B Datasheet(HTML) 49 Page - List of Unclassifed Manufacturers

Back Button VT82C586B Datasheet HTML 45Page - List of Unclassifed Manufacturers VT82C586B Datasheet HTML 46Page - List of Unclassifed Manufacturers VT82C586B Datasheet HTML 47Page - List of Unclassifed Manufacturers VT82C586B Datasheet HTML 48Page - List of Unclassifed Manufacturers VT82C586B Datasheet HTML 49Page - List of Unclassifed Manufacturers VT82C586B Datasheet HTML 50Page - List of Unclassifed Manufacturers VT82C586B Datasheet HTML 51Page - List of Unclassifed Manufacturers VT82C586B Datasheet HTML 52Page - List of Unclassifed Manufacturers VT82C586B Datasheet HTML 53Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 69 page
background image
9,$7HFKQRORJLHV,QF
VT82C586B
Revision 1.0 May 13, 1997
-43-
Register Descriptions
Power Management Subsystem Overview
The power management function of the VT82C586B is
indicated in the following block diagram:
3RZHU
3ODQH
&RQWURO
*3
*OREDO
6WDQGE\
7LPHU
3:5%71
5,
60, $UELWHU
6OHHS:DNH
6WDWH
0DFKLQH
60,
6&,
 /HJDF\ 2QO\ (YHQW /RJLF
 $&3,  /HJDF\ (YHQW /RJLF
 $&3, 2QO\ (YHQW /RJLF
 60, (YHQWV
 6&,60, (YHQWV
0.

&38
673&/.
&RQWURO
*3
'HYLFH
,GOH
7LPHU
8VHU
,QWHUIDFH
+DUGZDUH
(YHQWV
57&
6&,B(1
 $&3,  /HJDF\ *HQHULF &RQWURO )HDWXUHV
 $&3,  /HJDF\ )L[HG &RQWURO )HDWXUHV
 :DNHXS (YHQWV
30 7LPHU
6&, $UELWHU
%XV
0DVWHU
*3,2
3ULPDU\
(YHQWV
86%
UHVXPH
Figure 4. Power Management Subsystem Block Diagram
Refer to ACPI Specification v0.9 and APM specification v1.2
for additional information.
Power Plane Management
There are three power planes inside the VT82C586B.
The
scheme is optimal for systems with ATX power supplies,
although it also works using non-ATX power supplies. The
key feature of the ATX power supply is that two sets of power
sources are available: the first set is always on unless turned
off by the mechanical switch.
Only one voltage (5V) is
available for this set. The second set includes the normal 5V
and 12V and is controlled by an input signal PWRON as well
as the mechanical switch. This set of voltages is available only
when both the mechanical switch is on and the PWRON signal
is high. The power planes powered by the above two sets of
supplies are referred to as VDD-5VSB and VDD-5V (also
called VDD5), respectively.
In addition to the two power
planes, a third plane is powered by the combination of 5VSB
and VBAT for the integrated real time clock.
Most of the
circuitry inside the VT82C586B is powered by VDD-5V. The
amount of logic powered by VDD-5VSB is very small and
remains functional as long as the mechanical switch of the
power supply is turned on. The main function of this logic is
to control the power supply of the VDD-5V plane.
General Purpose I/O Ports
As ACPI compliant hardware, the VT82C586B includes
PWRBTN# (pin 91) and RI# (pin 93) pins to implement power
button and ring indicator functionality. In addition, a PWRON
pin (pin 107) is also available to control the VDD-5V power
plane by VDD-5VSB powered logic.
Furthermore, the
VT82C586B offers many general purpose I/O ports with the
following capabilities:
• I
2C support
• Three GPIO ports without external logic in addition to
the I
2C port.
Five GPIO ports are available if I
2C
functionality is not used. Every port can be used inputs,
outputs or I/O with external SCI/SMI capabilities.
• Sixteen GPI and sixteen GPO pins using external
buffers (244 buffers for input and 373 latches for output).
Pins 87, 88 and 94 of the VT82C586B are dedicated general
purpose I/O pins that can be used as inputs, outputs or I/O with
external SMI capability. In particular, pins 87 and 88 can be
used to implement a software-implemented I
2C port for system
configuration and general purpose peripheral communication.
Pins 92 and 136 can be configured either as dedicated general
purpose I/O pins or as control signals for external buffers for
implementing up to sixteen GPI and sixteen GPO ports. The
GPI and GPO ports are connected to the SD15-8 and XD7-0.
The configuration is determined in the GPIO4_CFG and
CPIO3_CFG bits of the PIN_CFG register:
GPIO4_CFG: default to 1 to define pin 136 as GPIO4;
set to 0 to redefine the pin as GPO_WE latch enable.
GPIO3_CFG: default to 1 to define pin 92 as GPIO3; set
to 0 to redefine the pin as GPI_RE# buffer enable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com