Electronic Components Datasheet Search
  English  ▼

X  

VT82C586B Datasheet(PDF) 17 Page - List of Unclassifed Manufacturers

Part # VT82C586B
Description  PCI INTEGRATED PERIPHERAL CONTROLLER
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VT82C586B Datasheet(HTML) 17 Page - List of Unclassifed Manufacturers

Back Button VT82C586B Datasheet HTML 13Page - List of Unclassifed Manufacturers VT82C586B Datasheet HTML 14Page - List of Unclassifed Manufacturers VT82C586B Datasheet HTML 15Page - List of Unclassifed Manufacturers VT82C586B Datasheet HTML 16Page - List of Unclassifed Manufacturers VT82C586B Datasheet HTML 17Page - List of Unclassifed Manufacturers VT82C586B Datasheet HTML 18Page - List of Unclassifed Manufacturers VT82C586B Datasheet HTML 19Page - List of Unclassifed Manufacturers VT82C586B Datasheet HTML 20Page - List of Unclassifed Manufacturers VT82C586B Datasheet HTML 21Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 69 page
background image
9,$7HFKQRORJLHV,QF
VT82C586B
Revision 1.0 May 13, 1997
-11-
Pinouts
XD Interface
Signal Name
Pin No.
I/O
Signal Description
XD7-0,
EXTSMI7-3#,
GPI7-0,
GPO7-0,
Power-up Straps
122
121
119
118
117
116
114
113
B
Multifunction Pins
X-bus Data Bus. For connection to external X-Bus devices (e.g. BIOS ROM)
External SMI Inputs. External SCI/SMI ports.
General Purpose Inputs. GPIO3_CFG bit low (pin 92 = GPI_RE#)
General Purpose Outputs. GPIO4_CFG bit low (pin 136 = GPO_WE)
Power-up Strap Option Inputs. (see Configuration Register Offset 5Ah)
XD0: 0/1 - Disable/enable internal KBC
XD1: 0/1 - Disable/enable internal PS/2 Mouse
XD2: 0/1 - Disable/enable internal RTC
XD4~XD7: RP13~RP16 for internal KBC
XDIR
112
O
X-Bus Data Direction. XDIR is tied directly to the direction control of a 74F245
transceiver that buffers the X-Bus data and ISA-Bus data (the output enable of the
transceiver should be grounded). SD0-7 connect to the “A” side of the transceiver
and XD0-7 connect to the “B” side. XDIR high indicates that SD0-7 drives XD0-7.
ROMCS# /
KBCS#
135
O
Multifunction Pin. ROM Chip Select / Keyboard Controller Chip Select.
ISA memory cycle: ROMCS#. Chip Select to the BIOS ROM.
ISA I/O cycle: KBCS#. Chip Select to the external keyboard controller.
General Purpose I/O
Signal Name
Pin No.
I/O
Signal Description
GPIO0 /
EXTSMI0#
94
B
General Purpose I/O 0: General Purpose I/O with external SCI/SMI capability.
This pin sits on the VDD-5VSB power plane and is available even under soft-off
state.
GPIO1 /
EXTSMI1# /
I2CD1 (Clock)
87
B
General Purpose I/O 1: General Purpose I/O with external SCI/SMI capability.
Can be used along with pin 88 as an I
2C pair (by software convention this pin is
defined as clock).
GPIO2 /
EXTSMI2# /
I2CD2 (Data)
88
B
General Purpose I/O 2: General Purpose I/O with external SCI/SMI capability.
Can be used along with pin 87 as an I
2C pair (by software convention this pin is
defined as data).
GPIO3 /
EXTSMI3# /
GPI_RE#
92
B
Multifunction Pin (per GPIO3 Configuration Bit: Function 3 Rx40 bit-6)
GPIO3 Configuration bit high: General Purpose I/O 3: General Purpose I/O with
external SCI/SMI capability.
GPIO3 Configuration bit low: Read Enable for General Purpose Inputs:
Connects to the output enable (OE# pin) of the external 244 buffers whose data pins
connect to SD15-8 and XD7-0 for GPI15-0.
GPIO4 /
EXTSMI4# /
GPO_WE
136
B
Multifunction Pin (per GPIO4 Configuration Bit: Function 3 Rx40 bit-7)
GPIO4 Configuration bit high: General Purpose I/O 4: General Purpose I/O with
external SCI/SMI capability.
GPIO4 Configuration bit low: Write Enable for General Purpose Outputs:
Connects to the latch enable (LE pin) of the external 373 latches whose data pins
connect to SD15-8 and XD7-0 for GPO15-0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com