| Electronic Components Datasheet Search |
|
UM0139 Datasheet(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM0139 Datasheet(HTML) 1 Page - STMicroelectronics |
|
1 / 38 page ![]() June 2007 Rev 6 1/38 UM0139 User manual ST7MDT10-EMU3 probe user guide Introduction The ST7-EMU3 series emulators are the third generation of high-end emulators for ST7. EMU3 series emulators are designed to provide a complete range of advanced debugging features during emulation. They come with all the adapters, connectors and sockets you need to emulate any of the supported ST7 devices. In addition, they provide in-circuit debugging and programming capability to give you start-to-finish control of application development with ST7 Flash devices. Your EMU3 probe is the component of the ST7-EMU3 emulator that contains target- emulation hardware. It connects to your PC via the ST Micro Connect box, and it can connect to your application board in place of your ST7. The EMU3 probe’s Target Emulation Board (TEB) contains the hardware that allows you to emulate an ST7 or ST7 sub-family. The modularity provided by the TEB makes it possible to emulate a range of ST7 MCUs with one ST7-EMU3 emulator. For this reason, the ST7MDT10 target emulation board is delivered either as part of the ST7MDT10-EMU3 emulator kit, or independently, in the ST7MDT10-TEB kit. The ST7MDT10-EMU3 emulator is designed to emulate MCUs in the ST7226x, ST7LITE sub-families and the ST7DALI. Table 1. Related hardware for ST7MDT10-EMU3 probe Orderable part number Description AC7MDT10-D16/S16 SDIP16/SO16 Connection kit AC7MDT10-D20/S20 DIP20/SO20 Connection kit AC7MDT10-D32/S28 SDIP32/SO28 Connection kit ST7MDT10-TEB EMU3 probe’s Target Emulation Board (TEB) www.st.com |
Similar Part No. - UM0139 |
|
Similar Description - UM0139 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |