Electronic Components Datasheet Search
  English  ▼

X  

UM0139 Datasheet(PDF) 10 Page - STMicroelectronics

Part # UM0139
Description  The ST7-EMU3 series emulators are the third generation of high-end emulators for ST7
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0139 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button UM0139 Datasheet HTML 6Page - STMicroelectronics UM0139 Datasheet HTML 7Page - STMicroelectronics UM0139 Datasheet HTML 8Page - STMicroelectronics UM0139 Datasheet HTML 9Page - STMicroelectronics UM0139 Datasheet HTML 10Page - STMicroelectronics UM0139 Datasheet HTML 11Page - STMicroelectronics UM0139 Datasheet HTML 12Page - STMicroelectronics UM0139 Datasheet HTML 13Page - STMicroelectronics UM0139 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
Connecting to the application board for emulation
UM0139
10/38
2.3
SO16 microcontroller package
1.
Solder the connection pins onto your application board in place of your microcontroller
in SO16 package.
Figure 6.
Solder the SO16 socket to your application board
2.
Align the pin 1 indicators and then insert the pins of the DB483A flex adapter into the
DIP16/SO16 device adapter (DB489) as shown in Figure 7.
3.
Align the pin 1 indicators and then insert the pins soldered on your application board
into the DIP16/SO16 device adapter (DB489).
Note:
Care must be taken when designing the circuitry
surrounding the component-side footprint for the
emulated SO16 device on your application board. This
is because the provided set of connection pins has
larger pins than the actual SO16 microcontroller
package.
If wire on wire connections are made on the SO16
(150-mil width) footprint between the two 8-pin rows
(as shown on the top-right), a short circuit may occur
when soldering the connection pins for the emulator on
the same footprint.
To avoid short circuits we recommend using wire on
wire connections as shown in the illustration on the
bottom-right.
SO16
(0.15”)
footprint
SO16
(0.15”)
footprint



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com