Electronic Components Datasheet Search
  English  ▼

X  

UM0139 Datasheet(PDF) 28 Page - STMicroelectronics

Part # UM0139
Description  The ST7-EMU3 series emulators are the third generation of high-end emulators for ST7
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0139 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button UM0139 Datasheet HTML 24Page - STMicroelectronics UM0139 Datasheet HTML 25Page - STMicroelectronics UM0139 Datasheet HTML 26Page - STMicroelectronics UM0139 Datasheet HTML 27Page - STMicroelectronics UM0139 Datasheet HTML 28Page - STMicroelectronics UM0139 Datasheet HTML 29Page - STMicroelectronics UM0139 Datasheet HTML 30Page - STMicroelectronics UM0139 Datasheet HTML 31Page - STMicroelectronics UM0139 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 38 page
background image
In-circuit debugging connection with ICD adapter
UM0139
28/38
CLKIN solder point (G2)
Your in-circuit debugging tool can provide the clock signal for initiating in-circuit
communication with the microcontroller on the ICD adapter. To do this, you must complete
the connection with a drop of solder on the CLKIN solder point (G2) shown in Figure 18.
Figure 18.
CLKIN solder point (G2)
When the solder drop is placed on the CLKIN solder point (G2), pin PA5 is relayed to CLKIN
on the ICC connector. PA5 is not available for the application.
When the clock signal is furnished by the in-circuit debugging tool, use the Option Bytes
Disabled mode to start the in-circuit debugging session. For further information about this
mode refer to the online help of your integrated development environment or debugging
software.
4.2
Run the application in standalone mode
Once the microcontroller on the ICD adapter has been programmed during an in-circuit
debugging or in-circuit programming session, it can run the application in place of the target
microcontroller without being connected to an in-circuit debugging tool or the host PC.
Figure 19.
RST/PA3 On jumper (TP2)
To run the application in standalone mode, the RST/PA3 On jumper (TP2) must be fitted
and the ICD On jumper (TP1) must not be fitted.
Solder point G2
MB509
TP1 not fitted
for standalone
TP2 fitted for
standalone
MB509



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com