Electronic Components Datasheet Search
  English  ▼

X  

UM0139 Datasheet(PDF) 35 Page - STMicroelectronics

Part # UM0139
Description  The ST7-EMU3 series emulators are the third generation of high-end emulators for ST7
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0139 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button UM0139 Datasheet HTML 30Page - STMicroelectronics UM0139 Datasheet HTML 31Page - STMicroelectronics UM0139 Datasheet HTML 32Page - STMicroelectronics UM0139 Datasheet HTML 33Page - STMicroelectronics UM0139 Datasheet HTML 34Page - STMicroelectronics UM0139 Datasheet HTML 35Page - STMicroelectronics UM0139 Datasheet HTML 36Page - STMicroelectronics UM0139 Datasheet HTML 37Page - STMicroelectronics UM0139 Datasheet HTML 38Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 35 / 38 page
background image
UM0139
Changing the TEB in your ST7-EMU3 probe
35/38
Figure 25.
Removing the TEB
The board under the TEB – the Dedicated Emulation Board (DEB), should now be
visible (see Figure 26).
4.
Identify the top and bottom faces of the TEB you wish to install. The bottom face is
distinguished by the presence of two or more flex cable connectors placed side by side.
The top face is distinguishable by two DEB connectors along the long edges of the
TEB. There is one 84-pin connector and one 64-pin connector, which match the DEB
connectors shown in Figure 26.
Figure 26.
DEB and TEB connectors
5.
Install the replacement TEB in the EMU3 probe by inserting the male 84-pin/64-pin
connectors into the TEB’s female 84-pin/64-pin connectors (refer to Figure 26).
Because the connectors are asymmetric, there is only one possible connection
scheme.
Note:
For some TEBs, the microcontroller is mounted on a support and not soldered directly to the
board. In this case the TEB’s 84-pin and 64-pin connectors have an additional height of
5mm to allow enough room for the microcontroller. To compensate you will need to add a
10mm
5mm
The 84 and 64-pin
connectors on the DEB
TEB
10mm TEB support
with 5mm extension



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com