Electronic Components Datasheet Search
  English  ▼

X  

UM1452 Datasheet(PDF) 7 Page - STMicroelectronics

Part # UM1452
Description  STM32100B-MCKIT motor control starter kit
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1452 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button UM1452 Datasheet HTML 3Page - STMicroelectronics UM1452 Datasheet HTML 4Page - STMicroelectronics UM1452 Datasheet HTML 5Page - STMicroelectronics UM1452 Datasheet HTML 6Page - STMicroelectronics UM1452 Datasheet HTML 7Page - STMicroelectronics UM1452 Datasheet HTML 8Page - STMicroelectronics UM1452 Datasheet HTML 9Page - STMicroelectronics UM1452 Datasheet HTML 10Page - STMicroelectronics UM1452 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
STM32100B-MCKIT
STM32100B-MCKIT hardware setup
Doc ID 022076 Rev 2
7/12
1.3
Power supply connections
Refer to Section 3.3.1 of the STEVAL-IHM023v2 user manual (UM0723) to know more
about the possible connections for the STEVAL-IHM023v2 power supply stage.
Table 1.
STEVAL-IHM023v2 board jumper settings for a PMSM motor (default)
Jumper
Settings for the provided
Shinano 24 V PMSM motor
Settings for a high-voltage
PMSM motor
W1
3.3 V position
W3
“< 35 V only”
“< 35 V only” or “HIGH VOLTAGE”
W4
Present
W5
“R_BRAKE” position
W6
Not present
W7
Not present
W8
Present
W9
Present, in “1 shunt” position (opposite to silkscreen)
W10
Present and soldered on default position of silkscreen printing
W11
Present in silkscreen position
W13
Present, in “1 shunt” position (opposite to silkscreen printing)
W14
Not present
W16
Present (opposite to silkscreen printing)
Table 2.
STM32100B-EVAL board jumper settings for a PMSM motor (default)
Jumper
Description
JP10
Set to PSU position to supply the STM32100B-EVAL evaluation board through
the jack (CN8)
JP6
Not fitted (Hall effect sensors/tachogenerator signal filtering)
SW1, SW2
Both set to “0” position to boot from embedded user Flash



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com