Electronic Components Datasheet Search
  English  ▼

X  

UM1452 Datasheet(PDF) 9 Page - STMicroelectronics

Part # UM1452
Description  STM32100B-MCKIT motor control starter kit
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1452 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button UM1452 Datasheet HTML 4Page - STMicroelectronics UM1452 Datasheet HTML 5Page - STMicroelectronics UM1452 Datasheet HTML 6Page - STMicroelectronics UM1452 Datasheet HTML 7Page - STMicroelectronics UM1452 Datasheet HTML 8Page - STMicroelectronics UM1452 Datasheet HTML 9Page - STMicroelectronics UM1452 Datasheet HTML 10Page - STMicroelectronics UM1452 Datasheet HTML 11Page - STMicroelectronics UM1452 Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
STM32100B-MCKIT
Safety warnings
Doc ID 022076 Rev 2
9/12
3
Safety warnings
3.1
General
In operation, the STM32100B-MCKIT starter kit has noninsulated wires, moving or rotating
parts (when connected to a motor), as well as hot surfaces. In case of improper use,
incorrect installation or misuse, there is danger of serious personal injury and damage to
property. All operations, installation and maintenance are to be carried out by skilled
technical personnel (applicable accident prevention rules must be observed).
When the motor control board is supplied with voltages greater than 30 V AC/DC, all of the
board and components must be considered “hot”, and any contact with the board must be
avoided. The operator should stay away from the board as well (risk of projection of material
in case of component destruction, especially when powering the board with high voltages).
The rotating parts of motors are also a source of danger.
The STM32100B-MCKIT starter kit contains electrostatic sensitive components which may
be damaged through improper use.
3.2
Intended use
The STM32100B-MCKIT starter kit is made of components designed for demonstration
purposes and must not be included in electrical installations or machinery. Instructions
about the setup and use of the STM32100B-MCKIT starter kit must be strictly observed.
3.3
Operation
After disconnecting the board from the voltage supply, several parts and power terminals
must not be touched immediately because of possible energized capacitors or hot surfaces.
3.4
Important notice to users
While every effort has been made to ensure the accuracy of all information in this document,
STMicroelectronics assumes no liability to any party for any loss or damage caused by
errors or omissions or by statements of any kind in this document, its updates, supplements,
or special editions, whether such errors are omissions or statements resulting from
negligence, accident, or any other cause.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com