Electronic Components Datasheet Search
  English  ▼

X  

UM1452 Datasheet(PDF) 4 Page - STMicroelectronics

Part # UM1452
Description  STM32100B-MCKIT motor control starter kit
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1452 Datasheet(HTML) 4 Page - STMicroelectronics

  UM1452 Datasheet HTML 1Page - STMicroelectronics UM1452 Datasheet HTML 2Page - STMicroelectronics UM1452 Datasheet HTML 3Page - STMicroelectronics UM1452 Datasheet HTML 4Page - STMicroelectronics UM1452 Datasheet HTML 5Page - STMicroelectronics UM1452 Datasheet HTML 6Page - STMicroelectronics UM1452 Datasheet HTML 7Page - STMicroelectronics UM1452 Datasheet HTML 8Page - STMicroelectronics UM1452 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
STM32100B-MCKIT hardware setup
STM32100B-MCKIT
4/12
Doc ID 022076 Rev 2
●
MB535B opto-isolation JTAG board (3)
This board is described in the JTAG opto-isolation board user manual (UM0378)
provided on the STM32100B-MCKIT CD-ROM.
The purpose of the JTAG opto-isolation board is to provide galvanic isolation between
the J-link debugger/programmer and the STM32 evaluation board. It helps to prevent
accidental damage to the PC in the event of a catastrophic failure on the motor control
board. This isolation barrier also solves the problem of the PC, JTAG debugger and
motor control board being at different ground potentials.
●
J-link USB–JTAG debugger (4)
The SEGGER J-link USB-JTAG debugger enables you to reprogram the Flash memory
of the STM32 microcontroller and to debug the software before using the application in
standalone mode.
●
24V DC Shinano PMSM motor (5)
The motor included in the STM32100B-MCKIT starter kit is a Shinano inner rotor type
four-pole brushless DC motor with Hall sensor and encoder. For electrical
specifications and mechanical dimensions, refer to the Shinano datasheets on the
STM32100B-MCKIT CD-ROM.
●
AC/DC power adaptor (TR15RA050) (6)
To supply the MB871 board
●
The following cables:
–
Motor cables (7)
–
A motor connector HE10 34-pin cable (8)
–
A USB cable (9)
–
Two JTAG cables (10)
●
STM32100B-MCKIT CD-ROM
1.1.2
Software
The STM32100B-MCKIT CD-ROM includes the following software: STM32 PMSM FOC
SDK v3.0, ST MC Workbench, a PC software for configuring the above-mentioned STM32
FOC PMSM MC library (v3.0 and later).
When you receive the STM32100B-MCKIT, the STM32 microcontroller is programmed by
default with the PMSM sensorless FOC firmware. It is recommended to search for the latest
available version of the firmware (contact your nearest ST office or technical support team,
or look on www.st.com) before starting any new development.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com