Electronic Components Datasheet Search
  English  ▼

X  

UM1452 Datasheet(PDF) 5 Page - STMicroelectronics

Part # UM1452
Description  STM32100B-MCKIT motor control starter kit
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1452 Datasheet(HTML) 5 Page - STMicroelectronics

  UM1452 Datasheet HTML 1Page - STMicroelectronics UM1452 Datasheet HTML 2Page - STMicroelectronics UM1452 Datasheet HTML 3Page - STMicroelectronics UM1452 Datasheet HTML 4Page - STMicroelectronics UM1452 Datasheet HTML 5Page - STMicroelectronics UM1452 Datasheet HTML 6Page - STMicroelectronics UM1452 Datasheet HTML 7Page - STMicroelectronics UM1452 Datasheet HTML 8Page - STMicroelectronics UM1452 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
STM32100B-MCKIT
STM32100B-MCKIT hardware setup
Doc ID 022076 Rev 2
5/12
1.1.3
Documentation
The STM32100B-MCKIT CD-ROM includes the following product documentation in PDF
format:
STM32F100xx high-, medium- and low-density datasheets
STM32F10xxx reference manual
STM32100B-MCKIT motor control kit user manual (UM1452, i.e. this manual)
STM32 FOC PMSM MC library user manual (UM1052)
STM32 FOC PMSM MC library developer manual (UM1053)
Quick start guide for PMSM FOC SDK v3.0 (UM1080)
STM32100B-EVAL user manual (UM0841)
STEVAL-IHM023v2 power stage evaluation board user manual (UM0723)
JTAG opto-isolation board user manual (UM0378)
1.1.4
Components not provided
The STM32100B-MCKIT starter kit does not include the 24 V - 3 A (minimum) power supply
required to run the provided PMSM motor.
1.1.5
Permanent magnet synchronous motor (PMSM)
The PM synchronous motor is a rotating electric machine where the stator is a classic three-
phase stator like that of an induction motor and the rotor has surface-mounted permanent
magnets. In this respect, the PM synchronous motor is equivalent to an induction motor
where the air gap magnetic field is produced by a permanent magnet. The use of a
permanent magnet to generate a substantial air gap magnetic flux makes it possible to
design highly efficient PM motors.
A PM synchronous motor is driven by sine wave voltage coupled with the given rotor
position. The generated stator flux together with the rotor flux, which is generated by a rotor
magnet, defines the torque, and thus speed, of the motor. The sine wave voltage output has
to be applied to the three-phase winding system in such a way that the angle between the
stator flux and the rotor flux is kept close to 90° to get the maximum generated torque. To
meet this criterion, the motor requires electronic control for proper operation.
For a common three-phase PM synchronous motor, a standard three-phase power stage is
used. The power stage uses six power transistors with independent switching. The power
transistors are switched in the complementary mode. The sine wave output is generated
using the space vector PWM technique.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com