Electronic Components Datasheet Search
  English  ▼

X  

UM1817 Datasheet(PDF) 54 Page - STMicroelectronics

Part # UM1817
Description  Evaluation board with STM32F091VC MCU
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1817 Datasheet(HTML) 54 Page - STMicroelectronics

Back Button UM1817 Datasheet HTML 50Page - STMicroelectronics UM1817 Datasheet HTML 51Page - STMicroelectronics UM1817 Datasheet HTML 52Page - STMicroelectronics UM1817 Datasheet HTML 53Page - STMicroelectronics UM1817 Datasheet HTML 54Page - STMicroelectronics UM1817 Datasheet HTML 55Page - STMicroelectronics UM1817 Datasheet HTML 56Page - STMicroelectronics UM1817 Datasheet HTML 57Page - STMicroelectronics UM1817 Datasheet HTML 58Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 54 / 58 page
background image
Figure 34. STM32091C-EVAL ST-LINK/V2-1 (SWD only)
13
14
ST-LINK/V2-1 (SWD only)
MB1169
B.1
7/30/2014
Title:
Size:
Reference:
Date:
Sheet:
of
A4
Revision:
STM32091C-EVAL
Project:
1
2
X3
8MHz(12pF)
USB_DM
USB_DP
STM_RST
T_JTCK
T_JTMS
STM_JTMS
OSC_IN
OSC_OUT
AIN_1
USB ST-LINK U5V
COM
PWR
Board Ident: PC13=0
SWD
T_SWDIO_IN
LED_STLINK
LED_STLINK
MCO
SB21
CN17
TX
RX
STLINK_RX
STLK_RX
STLK_TX
USB_DM
USB_DP
T_SWO
Red
_Green
2
1
3
4
LD7
LD_BICOLOR_CMS
R117
1K5
R110
0
R111
0
R126
100
R129
100
R130
0
R155
[N/A]
R166
100K
R150
100K
R152
10K
R156
4K7
R167
4K7
C86
20pF
C87
20pF
C88
100nF
D5V
USB_RENUMn
+3V3_ST_LINK
+3V3_ST_LINK
+3V3_ST_LINK
+3V3_ST_LINK
+3V3_ST_LINK
+3V3_ST_LINK
VDD_IO2
D5
BAT60JFILM
D6
BAT60JFILM
C55
1uF_X5R_0603
C59
10nF_X7R_0603
C58
1uF_X5R_0603
5
1
GND
3
BYPASS
INH
Vin
Vout
U16 LD3985M33R
C60
100nF
C56
100nF
+3V3_ST_LINK
R119
10K
R122
36K
U5V
R118 100
+3V3_ST_LINK
E5V
VBAT
1
PC13
2
PA12
33
PC14
3
PC15
4
JTMS/SWDIO
34
OSCIN
5
OSCOUT
6
VSS_2
35
NRST
7
VSSA
8
VDD_2
36
VDDA
9
PA0
10
PA1
11
PA2
12
PB12
25
PB13
26
PB14
27
PB15
28
PA8
29
PA9
30
PA10
31
PA11
32
U19
STM32F103CBT6
R144
100K
VCCA
1
A1
2
A2
3
GND
4
DIR
5
B2
6
B1
7
VCCB
8
U17
SN74LVC2T45DCUT
VDD_IO2
VDD_IO2
C68
100nF
C67
100nF
R128
100K
+3V3_ST_LINK
U5V
D7
BAT60JFILM
U5V
Ilim = 510mA
Isc= 1.2Ilim to 1.5Ilim = 612mA
to 765mA
R91
10K
SB17
Default: open
U5V_ST_LINK
PWR_ENn
STM_JTMS
STM_JTCK
+3V3_ST_LINK
1
2
3
4
5
CN15
[N/A]
T_JTCK
T_NRST
T_JTMS
TMS/SWDIO
TCK/SWCLK
RESET#
T_SWDIO_IN
PD2
PC12
C75
100nF
C82
100nF
C72
100nF
C85
100nF
+3V3_ST_LINK
+3V3_ST_LINK
JP16
[N/A]
R142
[N/A]
Not Fitted
SWD
R153
0
R125
0
R147
0
Open drain pin!
PA13
PA14
2
T6
9013
VCC
1
D-
2
D+
3
GND
4
SHELL
6
SHELL
5
CN12
USB-typeB connector
IN
1
IN
2
ON
3
GND
4
SET
5
OUT
6
OUT
7
FAULT
8
U23
ST890CDR
R123
1K
R194
2.7K
C103
4.7uF
C104
100nF
LD10
Red
U5V
R148
2K7
R146
4K7
JP18
+3V3_ST_LINK
+5V
D9
BAT60JFILM
place it near USB connector
mark: Over current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com