Electronic Components Datasheet Search
  English  ▼

X  

UM1817 Datasheet(PDF) 40 Page - STMicroelectronics

Part # UM1817
Description  Evaluation board with STM32F091VC MCU
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1817 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button UM1817 Datasheet HTML 36Page - STMicroelectronics UM1817 Datasheet HTML 37Page - STMicroelectronics UM1817 Datasheet HTML 38Page - STMicroelectronics UM1817 Datasheet HTML 39Page - STMicroelectronics UM1817 Datasheet HTML 40Page - STMicroelectronics UM1817 Datasheet HTML 41Page - STMicroelectronics UM1817 Datasheet HTML 42Page - STMicroelectronics UM1817 Datasheet HTML 43Page - STMicroelectronics UM1817 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 58 page
background image
STM32091C-EVAL IO assignment
UM1817
40/58
DocID026902 Rev 3
33
PC4
-
34
PC5
-
35
PB0
-
36
PB1 or NPOR
-
37
PB2 or NPOR
-
38
PE7
LED3
39
PE8
LED4
40
PE9
SPI1_MOSI_DIR
41
PE10
LCD_CS_OD
42
PE11
SDcard_detect
43
PE12
MicroSD_CS_OD
44
PE13
LCD/SD_SPI1_SCK
45
PE14
LCD/SD_SPI1_MISO
46
PE15
LCD/SD_SPI1_MOSI
47
PB10
HDMI_CEC_OD
48
PB11
TS_Shield_CAP_G6_IO1
49
VSS_2
VSS
50
VDD_2
VDD
51
PB12
TS_Shield_CAP_G6_IO2
52
PB13
HDMI_Sink_I2C2_SCL
53
PB14
HDMI_Sink_I2C2_SDA
54
PB15
-
55
PD8
8x_USART3_TX
56
PD9
8x_USART3_RX
57
PD10
HDMI_HPD_Source
58
PD11
HDMI_HPD_Sink_OD
59
PD12
TS_CH1_G8_IO1
60
PD13
TS_CH2_G8_IO2
61
PD14
TS_CAP_G8_IO3
62
PD15
-
63
PC6
IR_IN
64
PC7
-
65
PC8
8x_USART8_TX
66
PC9
8x_USART8_RX
67
PA8
-
Table 31. I/O assignment (continued)
Pin No.
Pin name
STM32091C-EVAL IO assignment



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58