Electronic Components Datasheet Search
  English  ▼

X  

UM1817 Datasheet(PDF) 41 Page - STMicroelectronics

Part # UM1817
Description  Evaluation board with STM32F091VC MCU
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1817 Datasheet(HTML) 41 Page - STMicroelectronics

Back Button UM1817 Datasheet HTML 37Page - STMicroelectronics UM1817 Datasheet HTML 38Page - STMicroelectronics UM1817 Datasheet HTML 39Page - STMicroelectronics UM1817 Datasheet HTML 40Page - STMicroelectronics UM1817 Datasheet HTML 41Page - STMicroelectronics UM1817 Datasheet HTML 42Page - STMicroelectronics UM1817 Datasheet HTML 43Page - STMicroelectronics UM1817 Datasheet HTML 44Page - STMicroelectronics UM1817 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 58 page
background image
DocID026902 Rev 3
41/58
UM1817
STM32091C-EVAL IO assignment
57
68
PA9
RS-232/RS-485/irDA/8x_USART1_TX
69
PA10
RS-232/RS-485/irDA/8x_USART1_RX
70
PA11
RS232_USART1_CTS
71
PA12
RS232_USART1_RTS / RS485_DIR
72
PA13
SWDAT
73
PF6
-
74
VSS_4
VSS
75
VDDIO2
VDDIO2
76
PA14
SWCLK
77
PA15
-
78
PC10
8x_USART4_TX
79
PC11
8x_USART4_RX
80
PC12
ST-Link_USART5_TX
81
PD0
CAN_RX
82
PD1
CAN_TX
83
PD2
ST-Link_USART_RX
84
PD3
-
85
PD4
-
86
PD5
8x_USART2_TX
87
PD6
8x_USART2_RX
88
PD7
Smartcard_CK
89
PB3
8x_USART5_TX
90
PB4
8x_USART5_RX
91
PB5
TempSensor_INT I2C1_SMBA
92
PB6
TempSensor/HDMI/RF_I2C1_SCL
93
PB7
TempSensor/HDMI/RF_I2C1_SDA
94
PF11 + BOOT0
BOOT0
95
PB8
ACP_RST
96
PB9
IR_OUT
97
PE0
LED1
98
PE1
LED2
99
VSS_1
VSS
100
VDD_1
VDD
Table 31. I/O assignment (continued)
Pin No.
Pin name
STM32091C-EVAL IO assignment



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58