Electronic Components Datasheet Search
  English  ▼

X  

UM1817 Datasheet(PDF) 50 Page - STMicroelectronics

Part # UM1817
Description  Evaluation board with STM32F091VC MCU
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1817 Datasheet(HTML) 50 Page - STMicroelectronics

Back Button UM1817 Datasheet HTML 46Page - STMicroelectronics UM1817 Datasheet HTML 47Page - STMicroelectronics UM1817 Datasheet HTML 48Page - STMicroelectronics UM1817 Datasheet HTML 49Page - STMicroelectronics UM1817 Datasheet HTML 50Page - STMicroelectronics UM1817 Datasheet HTML 51Page - STMicroelectronics UM1817 Datasheet HTML 52Page - STMicroelectronics UM1817 Datasheet HTML 53Page - STMicroelectronics UM1817 Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 58 page
background image
Figure 30. STM32091C-EVAL temperature sensor and RF-EEPROM
914
TemSensor & RF EEPROM
MB1169
B.1
7/25/2014
Title:
Size:
Reference:
Date:
Sheet:
of
A4
Revision:
STM32091C-EVAL
Project:
SDA
1
SCL
2
OS/INT
3
GND
4
A2
5
A1
6
A0
7
VDD
8
U1
STLM75M2F
+5V
C1
100nF
+5V
R2
10K
VDD
I2C1_SCL_5V
I2C1_SDA_5V
R4
0
R5
0
R3
0
Temperature sensor
TempSensor_INT
PB7
R20
0
R21
0
RF E2P Address:1010(E2)00
PB6
PB5
SDA
SCL
1
2
3
4
5
6
7
8
CN2
SSM-104-L-DH
RF E2P & Extension Connector
ACP_RST
PB8
R13
0
R14
10K
+5V
Open drain pin!
SB1
R10
10K
+5V
Address:100100(A0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com