Electronic Components Datasheet Search
  English  ▼

X  

UM2071 Datasheet(PDF) 34 Page - STMicroelectronics

Part # UM2071
Description  BlueNRG-1 development kit
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM2071 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button UM2071 Datasheet HTML 30Page - STMicroelectronics UM2071 Datasheet HTML 31Page - STMicroelectronics UM2071 Datasheet HTML 32Page - STMicroelectronics UM2071 Datasheet HTML 33Page - STMicroelectronics UM2071 Datasheet HTML 34Page - STMicroelectronics UM2071 Datasheet HTML 35Page - STMicroelectronics UM2071 Datasheet HTML 36Page - STMicroelectronics UM2071 Datasheet HTML 37Page - STMicroelectronics UM2071 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 56 page
background image
BlueNRG-1 sensor profile demo
UM2071
34/56
DocID029370 Rev 3
10
BlueNRG-1 sensor profile demo
The BlueNRG-1 sensor profile demo is supported on the BlueNRG-1 development platform
(STEVAL-IDB007V1). It implements a proprietary, Bluetooth low energy (BLE) sensor
profile.
This example is useful for building new profiles and applications that use the BlueNRG-1
SoC. The GATT profile is not compliant with any existing specifications as the purpose of
this project is to simply demonstrate how to implement a given profile.
This profile exposes the acceleration and environmental services.
Figure 20: "BlueNRG-1 sensor demo GATT database" shows the whole GATT database,
including the GATT (0x1801) and GAP (0x1800) services that are automatically added by
the stack.
The acceleration service’s free fall characteristic cannot be read or written, but can be
signaled. The application sends notification of this characteristic (with a value of 0x01) if a
free fall condition is detected by the MEMS sensor (when the acceleration on the three
axes is near zero for a certain amount of time). Notifications can be enabled or disabled by
writing the associated client characteristic configuration descriptor.
The other characteristic exposed by the service gives the current value of the acceleration
measured by the accelerometer in six bytes. Each byte pair contains the acceleration on
one of the three axes. The values are given in mg. This characteristic is readable and can
be notified if notifications are enabled.
Another service is defined, which contains characteristics that expose data from some
environmental sensors: temperature and pressure. Each characteristic data type is
described in a format descriptor. All of the characteristics have read-only properties.
Figure 20: BlueNRG-1 sensor demo GATT database



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com