Electronic Components Datasheet Search
  English  ▼

X  

UM2071 Datasheet(PDF) 38 Page - STMicroelectronics

Part # UM2071
Description  BlueNRG-1 development kit
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM2071 Datasheet(HTML) 38 Page - STMicroelectronics

Back Button UM2071 Datasheet HTML 34Page - STMicroelectronics UM2071 Datasheet HTML 35Page - STMicroelectronics UM2071 Datasheet HTML 36Page - STMicroelectronics UM2071 Datasheet HTML 37Page - STMicroelectronics UM2071 Datasheet HTML 38Page - STMicroelectronics UM2071 Datasheet HTML 39Page - STMicroelectronics UM2071 Datasheet HTML 40Page - STMicroelectronics UM2071 Datasheet HTML 41Page - STMicroelectronics UM2071 Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 56 page
background image
BlueNRG-1 HID/HOGP demonstration application
UM2071
38/56
DocID029370 Rev 3
12
BlueNRG-1 HID/HOGP demonstration application
The BlueNRG-1 HID/HOGP demonstration applications are supported by the BlueNRG-1
development platform (STEVAL-IDB007V1). It demonstrates a BlueNRG-1 device using
the standard HID/HOGP Bluetooth low energy application profile. Keyboard and mouse
demo examples are provided.
12.1
BLE HID/HOGP mouse demonstration application
The BlueNRG-1 HID mouse application implements a basic HID mouse with two buttons
compliant with the standard HID/HOGP BLE application profile.
The HID mouse
device is named ‘STMouse’ in the central device list.
The mouse movements are provided by the 3D accelerometer and 3D gyroscope on the
BlueNRG-1 development platform.
The left button is the ‘PUSH1’ button.
The right button is the ‘PUSH2’ button
If the HID mouse is not used for two minutes, it closes the connection and enters deep
sleep mode. This idle connection timeout can be changed from the application. To exit
deep sleep mode, press the left ‘PUSH1 button or reset the platform.
12.2
BLE HID/HOGP keyboard demonstration application
The BlueNRG-1 HID keyboard application implements a basic HID keyboard compliant with
the standard HID/HOGP BLE application profile.
The HID mouse device is
named ‘STKeyboard’ in the central device list.
To successfully complete the bonding and pairing procedure, insert the PIN: 123456.
To use the HID keyboard:
Connect the BlueNRG-1 development platform to a PC USB port
Open a HyperTerminal window (115200, 8, N,1)
Put the cursor focus on the HyperTerminal window
The keys that are sent to the central device using the HID/HOGP BLE application
profile are also shown on the HyperTerminal window
If the HID keyboard is not used for two minutes, it closes the connection and enters deep
sleep mode. This idle connection timeout can be changed from the application. To exit
deep sleep mode, press the left ‘PUSH1 button or reset the platform.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com