Electronic Components Datasheet Search
  English  ▼

X  

UM2071 Datasheet(PDF) 50 Page - STMicroelectronics

Part # UM2071
Description  BlueNRG-1 development kit
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM2071 Datasheet(HTML) 50 Page - STMicroelectronics

Back Button UM2071 Datasheet HTML 46Page - STMicroelectronics UM2071 Datasheet HTML 47Page - STMicroelectronics UM2071 Datasheet HTML 48Page - STMicroelectronics UM2071 Datasheet HTML 49Page - STMicroelectronics UM2071 Datasheet HTML 50Page - STMicroelectronics UM2071 Datasheet HTML 51Page - STMicroelectronics UM2071 Datasheet HTML 52Page - STMicroelectronics UM2071 Datasheet HTML 53Page - STMicroelectronics UM2071 Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 56 page
background image
Schematic diagrams
UM2071
50/56
DocID029370 Rev 3
Figure 25: STEVAL-IDB007V1 power management, sensors
GREEN
POWER MANAGEMENT
SENSORs
USB_5V
SPI_IN
DIO12
I2C2_DAT
I2C2_CLK
VDD
VBLUE
VBLUE
VBLUE
VBLUE
VBLUE
VBLUE
VBLUE
VBLUE
C23
33 n_0402
JP1
Jumper 3
2
R34
10K_0402
R37
0_0402
C22
1u_0402
R42
0_0402
R35 0_0402
R31
0_0402
U7
LSM6DS3
SDO/SA0
1
SDx
2
SCx
3
INT1
4
NC
11
OCS
10
INT2
9
VDD
8
R28
470_0402
C32
100 n_0402
JP2
Jumper 3
2
U3
LDS3985PU33R
Vin
1
N.C.
2
Vo ut
3
Vinh
6
Gnd
5
Bypass
4
C27
4.7 u_0603
C30
100 n_0402
DL4
R38
0_0402
R36
10K_0402
C28
100 n_0402
R4 1 0_0402
BATT
Battery holder
C29
100 n_0402
R39
0_0402
C31
100 n_0402
U6
LPS25HB
VDDIO
1
SCL
2
CS
6
INT_DRDY
7
C24
2.2 u_0402
GSPG1105161525SG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com