| Electronic Components Datasheet Search |
|
UM2071 Datasheet(PDF) 36 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM2071 Datasheet(HTML) 36 Page - STMicroelectronics |
|
36 / 56 page ![]() BlueNRG-1 sensor profile demo UM2071 36/56 DocID029370 Rev 3 10.2.2 Add service and characteristics The BlueNRG-1 BLE stack has both server and client capabilities. A characteristic is an element in the server database where data is exposed, while a service contains one or more characteristics. The acceleration service is added with the following command: aci_gatt_add_service(UUID_TYPE_128, &service_uuid, PRIMARY_SERVICE, 7, &accServHandle); The command returns the service handle on variable accServHandle. The free fall and acceleration characteristics must now be added to this service thus: aci_gatt_add_char(accServHandle, UUID_TYPE_128, &char_uuid, 1, CHAR_PROP_NOTIFY, ATTR_PERMISSION_NONE, 16, 0, &freeFallCharHandle); aci_gatt_add_char(accServHandle, UUID_TYPE_128, &char_uuid, 6, CHAR_PROP_NOTIFY|CHAR_PROP_READ, ATTR_PERMISSION_NONE, GATT_NOTIFY_READ_REQ_AND_WAIT_FOR_APPL_RESP, 16, 0, &accCharHandle); The free fall and acceleration characteristics handles are returned on freeFallCharHandle and accCharHandle variables respectively. Similar steps are followed for adding the environmental sensor and relative characteristics. 10.2.3 Enter connectable mode Use GAP API command to enter one of the discoverable and connectable modes: aci_gap_set_discoverable(ADV_IND, (ADV_INTERVAL_MIN_MS*1000)/625, (ADV_INTERVAL_MAX_MS*1000)/625, STATIC_RANDOM_ADDR, NO_WHITE_LIST_USE sizeof(local_name), local_name, 0, NULL, 0, 0); Where local_name[] = {AD_TYPE_COMPLETE_LOCAL_NAME,'B','l','u','e','N','R','G'}; The local_name parameter contains the name presented in advertising data, as per Bluetooth core specification version 4.1, Vol. 3, Part C, Ch. 11. 10.2.4 Connection with central device Once the BlueNRG-1 BLE stack is placed in discoverable mode, it can be detected by a central device. The smartphone app described in Section 10.1: " BlueNRG app for smartphones " is designed for interact with the sensor profile demos (it also supports the BlueNRG-1 device). Any Bluetooth smart or Bluetooth smart ready device like a smartphone can connect to the BlueNRG-1 BLE sensor profile demo. For example, the LightBlue application in Apple Store® connects iPhone® versions 4S/5 and above can connect to the BlueNRG-1 sensor profile device. When you use the LightBlue application, detected devices appear on the screen with the BlueNRG name. By tapping on the box to connect to the device, a list of all the available services is shown on the screen; tapping a service shows the characteristics for that service. The acceleration characteristic can be notified using the following command: aci_gatt_update_char_value(accServHandle, accCharHandle, 0, 6, buff); Where buff is a variable containing the three axes acceleration values. Once this API command has been sent, the new value of the characteristic is displayed on the phone. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |