Electronic Components Datasheet Search
  English  ▼

X  

1063229 Datasheet(PDF) 2 Page - SICK AG

Part # 1063229
Description  IMAGE-BASED CODE READERS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1063229 Datasheet(HTML) 2 Page - SICK AG

  1063229 Datasheet HTML 1Page - SICK AG 1063229 Datasheet HTML 2Page - SICK AG 1063229 Datasheet HTML 3Page - SICK AG 1063229 Datasheet HTML 4Page - SICK AG 1063229 Datasheet HTML 5Page - SICK AG 1063229 Datasheet HTML 6Page - SICK AG 1063229 Datasheet HTML 7Page - SICK AG 1063229 Datasheet HTML 8Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
V2D654R-MEWHF6 Dynamic Focus for Systems | Lector65x
IMAGE-BASED CODE READERS
Ordering information
Type
Part no.
V2D654R-MEWHF6 Dynamic Focus for Systems
1063229
Other models and accessories
www.sick.com/Lector65x
Detailed technical data
Features
Reading field
Side
Focus
Dynamic focus control
Sensor
CMOS matrix sensor, grayscale values
Sensor resolution
2,048 px x 2,048 px
Internal lighting
White
Light source
Lighting LEDs: white (λ = 6000 K ± 500 K)
Feedback spot: visible green light (λ = 525 nm ± 15 nm)
Aiming laser: visible red light (λ = 630 nm ... 680 nm)
LED class
Risk group 1 (IEC 62471 (2006-07) / EN 62471 (2008-09))
Laser class
1M, complies with 21 CFR 1040.10 except for the tolerance according to “Laser Notice No.
50” from June 24, 2007 (IEC 60825-1 (2007-3))
Scanning frequency
40 Hz, With resolution of 4 megapixels
Focal length
54 mm
Code resolution
≥ 0.12 mm 1)
Reading distance
670 mm ... 2,000 mm 2)
1) Depends on distance.
2) Depends on lens used, for details see field of view diagram.
Performance
Readable code structures
1D, 2D, Stacked
Bar code types
GS1-128 / EAN 128, UPC / GTIN / EAN, Interleaved 2 of 5, Pharmacode, GS1 DataBar, Code
39, Code 128, Codabar, Code 32, Code 93, USPS (Postnet, Planet, USPS4SCB), Australian
Post, Dutch KIX Post, Royal Mail, Swedish Post
2D code types
Data Matrix ECC200, GS1 Data-Matrix, MaxiCode, QR code
Stacked code types
PDF417
Code qualification
On the basis of ISO/IEC 16022, ISO/IEC 15415, ISO/IEC 18004
Internal image storage
512 MB
2
IDENTIFICATION SOLUTIONS | SICK
Online data sheet | 2017-03-21 14:30:08
Subject to change without notice



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com