Electronic Components Datasheet Search
  English  ▼

X  

1063229 Datasheet(PDF) 3 Page - SICK AG

Part # 1063229
Description  IMAGE-BASED CODE READERS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1063229 Datasheet(HTML) 3 Page - SICK AG

  1063229 Datasheet HTML 1Page - SICK AG 1063229 Datasheet HTML 2Page - SICK AG 1063229 Datasheet HTML 3Page - SICK AG 1063229 Datasheet HTML 4Page - SICK AG 1063229 Datasheet HTML 5Page - SICK AG 1063229 Datasheet HTML 6Page - SICK AG 1063229 Datasheet HTML 7Page - SICK AG 1063229 Datasheet HTML 8Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
V2D654R-MEWHF6 Dynamic Focus for Systems | Lector65x
IMAGE-BASED CODE READERS
Interfaces
Ethernet TCP/IP
✔
Function Host, AUX, FTP (image transmission)
Data transmission rate 10/100/1,000 Mbit/s
EtherNet/IP™
✔
Data transmission rate 10/100/1,000 Mbit/s
CAN
✔
Function SICK CAN sensor network (Master/Slave, Multiplexer/Server)
Data transmission rate 20 kbit/s ... 1 Mbit/s
Switching inputs
0
Configurable inputs
Encoder input, external trigger
Switching outputs
0
Configurable outputs
Good read, External illumination control, free configurable output condition, "device ready"
Reading pulse
Switching inputs, non-powered, serial interface, Ethernet, CAN, auto pulse, presentation mode
Optical indicators
21 LEDs (10 x status display, 10 x LED bar graph, 1 green feedback spot)
Acoustic indicators
Beeper/buzzer (can be switched off, can be assigned a function to signal a result)
Operating elements
2 buttons (choose and start/stop functions)
Configuration software
SOPAS ET
Memory card
Micro SD memory card (flash card) max. 16 GB, optional
Data storage and retrieval
Image and data storage via microSD memory card, internal storage and external FTP
Maximum encoder frequency
1 kHz
External illumination control
Via digital output (max. 24 V trigger) or via external illumination connector
Mechanics/electronics
Electrical connection
1 x M12, 5-pin plug (CAN)
2 x M12, 5-pin female connector (CAN)
1 x M8, 3-pin socket (external illumination)
2 x M12, 8-pin socket (Ethernet, P1 not yet with function)
Operating voltage
24 V DC, ± 20 %
Power consumption
Typ. 20 W, ± 20 %
Output current
≤ 100 mA
Housing
Aluminum die cast
Housing color
Light blue (RAL 5012)
Enclosure rating
IP65 (EN 60529 (1991-10), EN 60529/A2 (2002-02))
Protection class
III
Electrical safety
EN 60950-1 (2011-01)
Weight
963 g
Dimensions (L x W x H)
142.6 mm x 90 mm x 106.1 mm
Lens
54 mm, integrated
Ambient data
Electromagnetic compatibility (EMC)
EN 61000-6-2 (2005-08) / EN 61000-6-3 (2007-01)
Shock resistance
EN 60068-2-6
Ambient operating temperature
0 °C ... +50 °C
2017-03-21 14:30:08 | Online data sheet
Subject to change without notice
IDENTIFICATION SOLUTIONS | SICK
3



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com