Electronic Components Datasheet Search
  English  ▼

X  

1063229 Datasheet(PDF) 5 Page - SICK AG

Part # 1063229
Description  IMAGE-BASED CODE READERS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1063229 Datasheet(HTML) 5 Page - SICK AG

  1063229 Datasheet HTML 1Page - SICK AG 1063229 Datasheet HTML 2Page - SICK AG 1063229 Datasheet HTML 3Page - SICK AG 1063229 Datasheet HTML 4Page - SICK AG 1063229 Datasheet HTML 5Page - SICK AG 1063229 Datasheet HTML 6Page - SICK AG 1063229 Datasheet HTML 7Page - SICK AG 1063229 Datasheet HTML 8Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
V2D654R-MEWHF6 Dynamic Focus for Systems | Lector65x
IMAGE-BASED CODE READERS
Dimensional drawing (Dimensions in mm (inch))
75.6
(2.98)
106.1 (4.18)
90 (3.54)
0.2
(0.01)
21.4
(0.84)
Ø 86 (3.39)
7.2
(0.28)
1 2
3
4
5
8
7
6
9
ß
ã
à
ä
á
å
â
①  “Ethernet” P1 connection
②  P3 connection “Ethernet”
③  X2 “USB” connection or “trigger external lighting”, depending on type
④  P2 connection “CAN OUT”, depending on type
⑤  X1 “Power/Serial Data/CAN/I/O” connection or “CAN IN”, depending on type
⑥  Cover for the microSD memory card
⑦  M5 blind tapped holes, 5 mm deep (4 x), for mounting the sensor
⑧  Protective cover for optics
⑨  Sliding nut M5, 5.5 mm deep (2 x), for mounting (as alternative)
⑩  Green feedback LED
⑪  Ring lighting
⑫  Lens
⑬  Outlet, aiming laser
⑭  Bar graph display
⑮  Function button (2 x)
⑯  LED for status display (2 levels), 10 x
2017-03-21 14:30:08 | Online data sheet
Subject to change without notice
IDENTIFICATION SOLUTIONS | SICK
5



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com