Electronic Components Datasheet Search
  English  ▼

X  

1063229 Datasheet(PDF) 6 Page - SICK AG

Part # 1063229
Description  IMAGE-BASED CODE READERS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1063229 Datasheet(HTML) 6 Page - SICK AG

  1063229 Datasheet HTML 1Page - SICK AG 1063229 Datasheet HTML 2Page - SICK AG 1063229 Datasheet HTML 3Page - SICK AG 1063229 Datasheet HTML 4Page - SICK AG 1063229 Datasheet HTML 5Page - SICK AG 1063229 Datasheet HTML 6Page - SICK AG 1063229 Datasheet HTML 7Page - SICK AG 1063229 Datasheet HTML 8Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
V2D654R-MEWHF6 Dynamic Focus for Systems | Lector65x
IMAGE-BASED CODE READERS
Field of view
Field of view Lector65x Dynamic Focus with Panorama 54 mm
181
(7.13)
...
1,800
(70.87)
600
(23.62)
900
(35.43)
1,200
(47.24)
1,500
(59.06)
Working distance/focus position
Field of view LECTOR654
192 x 35
(7.56 x 1.38)
291 x 52
(11.46 x 2.05)
389 x 69
(15.31 x 2.72)
488 x 86
(19.21 x 3.39)
192 x 66
(7.56 x 2.60)
291 x 98
(11.46 x 3.86)
389 x 129
(15.31 x 5.08)
488 x 161
(19.21 x 6.34)
587 x 102
(23.11 x 4.02)
587 x 192
(23.11 x 7.56)
Dimensions in mm (inch/*mil)
Field of view LECTOR652
35 (1.38)
0.10 (*3.8)
0.13 (*5.1)
68 (2.68)
0.19 (*7.4)
0.25 (*9.9)
85 (3.35)
0.24 (*9.3)
0.31 (*12.4)
102 (4.02)
0.28 (*11.1)
0.37 (*14.8)
52 (2.05)
0.14 (*5.7)
0.19 (*7.5)
Max. code size
Min. resolution 1D-Code
Min. resolution 2D-Code
0
100
(3.94)
100
(3.94)
200
(7.87)
200
(7.87)
300
(11.81)
300
(11.81)
400
(15.75)
400
(15.75)
Field of view in mm² (sq inch)
0
0
200
(7.87)
600
(23.62)
1000
(39.37)
1400
(55.12)
1800
(70.87)
2200
(86.61)
2600
(102.36)
Working distance/focus position in mm (inch)
150 x 150
(5.91 x 5.91)
300 x 300
(11.81 x 11.81)
600 x 600
(23.62 x 23.62)
750 x 750
(29.53 x 29.53)
450 x 450
(17.75 x 17.75)
Min. resolution in mm (mil)
1D code
2D code
0.2
(7.9)
0.3
(11.8)
0.1
(3.9)
0.2
(7.9)
0.4
(15.7)
0.5
(19.7)
0.6
(23.6)
0.4
(15.7)
0.3
(11.8)
0.1
(3.9)
0.5
(19.7)
0.7
(27.6)
f = 40 mm (V2D65xR-xxKxx)
f = 54 mm (V2D654R-xxHxx)
6
IDENTIFICATION SOLUTIONS | SICK
Online data sheet | 2017-03-21 14:30:08
Subject to change without notice



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com