Electronic Components Datasheet Search
  English  ▼

X  

SLMA004 Datasheet(PDF) 2 Page - Texas Instruments

Part # SLMA004
Description  2-A DUAL NON-SYNCHRONOUS CONVERTER WITH INTEGRATED HIGH-SIDE MOSFET
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SLMA004 Datasheet(HTML) 2 Page - Texas Instruments

  SLMA004 Datasheet HTML 1Page - Texas Instruments SLMA004 Datasheet HTML 2Page - Texas Instruments SLMA004 Datasheet HTML 3Page - Texas Instruments SLMA004 Datasheet HTML 4Page - Texas Instruments SLMA004 Datasheet HTML 5Page - Texas Instruments SLMA004 Datasheet HTML 6Page - Texas Instruments SLMA004 Datasheet HTML 7Page - Texas Instruments SLMA004 Datasheet HTML 8Page - Texas Instruments SLMA004 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 55 page
background image
www.ti.com
DEVICE RATINGS
ABSOLUTE MAXIMUM RATINGS
(1)
RECOMMENDED OPERATING CONDITIONS
ELECTROSTATIC DISCHARGE (ESD) PROTECTION
PACKAGE DISSIPATION RATINGS
(1) (2) (3)
TPS54283,, TPS54286
SLUS749C – JULY 2007 – REVISED OCTOBER 2007
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ORDERING INFORMATION(1)
PART NUMBER
OPERATING FREQUENCY (kHz)
PACKAGE
MEDIA
UNITS (Pieces)
TPS54283PWP
Tube
90
300
TPS54283PWPR
Tape and Reel
2000
Plastic 14-Pin HTSSOP
TPS54286PWP
Tube
90
600
TPS54286PWPR
Tape and Reel
2000
(1)
For the most current package and ordering information see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
VALUE
UNIT
PVDD1, PVDD2, EN1, EN2
30
BOOT1, BOOT2
VSW+ 7
SW1, SW2
–2 to 30
Input voltage range
SW1, SW2 transient (< 50ns)
–3 to 31
V
BP
6.5
SEQ, ILIM2
–0.3 to 6.5
FB1, FB2
–0.3 to 3
SW1, SW2 output current
7
A
BP load current
35
mA
Tstg
Storage temperature
–55 to +165
TJ
Operating temperature
–40 to +150
°C
Soldering temperature
+260
(1)
Permanent device damage may occur if Absolute Maximum Ratings are exceeded. Functional operation should be limited to the
Recommended DC Operating Conditions detailed in this data sheet. Exposure to conditions beyond the operational limits for extended
periods of time may affect device reliability.
MIN
MAX
UNIT
VPVDD2
Input voltage
4.5
28
V
TJ
Operating junction temperature
–40
+125
°C
MIN
UNIT
Human body model
2k
CDM
1.5k
V
Machine Model
250
THERMAL IMPEDANCE
JUNTION-TO-THERMAL PAD
TA = +25°C, NO AIR FLOW
TA = +85°C, NO AIR FLOW
PACKAGE
(
°C/W)
POWER RATING (W)
POWER RATING (W)
Plastic 14-Pin HTSSOP (PWP)
2.07(4)
1.6
1.0
(1)
For more information on the PWP package, refer to TI Technical Brief (SLMA002A).
(2)
TI device packages are modeled and tested for thermal performance using printed circuit board designs outlined in JEDEC standards
JESD 51-3 and JESD 51-7.
(3)
For application information, see the Power Derating section.
(4)
TJ-A = +40°C/W
2
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): TPS54283 TPS54286



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com