Electronic Components Datasheet Search
  English  ▼

X  

SLMA004 Datasheet(PDF) 8 Page - Texas Instruments

Part # SLMA004
Description  2-A DUAL NON-SYNCHRONOUS CONVERTER WITH INTEGRATED HIGH-SIDE MOSFET
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SLMA004 Datasheet(HTML) 8 Page - Texas Instruments

Back Button SLMA004 Datasheet HTML 4Page - Texas Instruments SLMA004 Datasheet HTML 5Page - Texas Instruments SLMA004 Datasheet HTML 6Page - Texas Instruments SLMA004 Datasheet HTML 7Page - Texas Instruments SLMA004 Datasheet HTML 8Page - Texas Instruments SLMA004 Datasheet HTML 9Page - Texas Instruments SLMA004 Datasheet HTML 10Page - Texas Instruments SLMA004 Datasheet HTML 11Page - Texas Instruments SLMA004 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 55 page
background image
www.ti.com
4
8
12
16
20
24
28
1.0
1.5
2.0
2.5
3.0
3.5
OCL = 3.0 A
OCL = 1.5 A
V
DD
- Supply Voltage - V
50
200
250
300
350
400
100
0
0.2
0.4
0.6
0.8
1.0
1.4
T
A
= 0°C
I
L
- Load Current - A
–40
0
25
85
T
A
(°C)
T
A
= –40°C
T
A
= 25°C
T
A
= 85°C
1.2
150
TPS54283,, TPS54286
SLUS749C – JULY 2007 – REVISED OCTOBER 2007
TYPICAL CHARACTERISTICS (continued)
OVERCURRENT LIMIT
MINIMUM CONTROLLABLE PULSE WIDTH
vs
vs
SUPPLY VOLTAGE
LOAD CURRENT
Figure 13.
Figure 14.
8
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): TPS54283 TPS54286



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com