Electronic Components Datasheet Search
  English  ▼

X  

SLMA004 Datasheet(PDF) 36 Page - Texas Instruments

Part # SLMA004
Description  2-A DUAL NON-SYNCHRONOUS CONVERTER WITH INTEGRATED HIGH-SIDE MOSFET
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SLMA004 Datasheet(HTML) 36 Page - Texas Instruments

Back Button SLMA004 Datasheet HTML 32Page - Texas Instruments SLMA004 Datasheet HTML 33Page - Texas Instruments SLMA004 Datasheet HTML 34Page - Texas Instruments SLMA004 Datasheet HTML 35Page - Texas Instruments SLMA004 Datasheet HTML 36Page - Texas Instruments SLMA004 Datasheet HTML 37Page - Texas Instruments SLMA004 Datasheet HTML 38Page - Texas Instruments SLMA004 Datasheet HTML 39Page - Texas Instruments SLMA004 Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 55 page
background image
www.ti.com
Voltage Setting
FB
OUT1
FB
V
R2
R4
V
V
´
=
-
(32)
FB
OUT2
FB
V
R9
R7
V
V
´
=
-
(33)
Compensation Capacitors
fESR(zero)
1
2
C
ESR
=
´ p ´
´
(34)
f
f
ZERO(desired)
ESR(zero)
R4
R5
1
=
æ
ö
æ
ö
ç
÷
-
ç
÷
ç
÷
ç
÷
è
ø
è
ø
(35)
EQ
1
R
R5
1
1
R2
R4
=
+
æ
ö
æ
ö
æ
ö
+
ç
÷
ç
÷
ç
÷
è
ø
è
ø
è
ø
(36)
f
EQ
ESR(zero)
1
C8
2
R
=
´ p ´
´
(37)
TPS54283,, TPS54286
SLUS749C – JULY 2007 – REVISED OCTOBER 2007
The primary feedback divider resistors (R2, R9) from VOUT to FB should be between 10 k
Ω and 50 kΩ to
maintain a balance between power dissipation and noise sensitivity. For this design, 20 k
Ω is selected.
The lower resistors, R4 and R7 are found using the following equations.
• R2 = R9 = 20 kΩ
• V
FB = 0.80 V
• R4= 3.80 kΩ (3.83 kΩ standard value is used)
• R7= 6.40 kΩ (6.34 kΩ standard value is used)
Checking the ESR zero of the output capacitors:
• C = 100 µF
• ESR = 400 mΩ
• ESR
(zero) = 3980 Hz
Since the ESR zero of the main output capacitor is less than 20 kHz, an R-C filter is added in parallel with R4
and R7 to compensate for the electrolytic capacitors' ESR and add a zero about 40 kHz.
• f
ESR(zero) = 4 kHz
• f
ESR(desired)= 40 kHz
• R4 = 3.83 kΩ
• R5 = 424 Ω(422Ω selected)
• R7 = 6.34 kΩ
• R8 = 702 Ω (698Ω selected)
• R2 = R9 = 20 kΩ
• REQ1 = 3.63 kΩ
• REQ2 = 5.51 kΩ
• C8 = 10.9 nF (10 nF selected)
• C15 = 7.22 nF (6800 pF selected)
36
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): TPS54283 TPS54286



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com