Electronic Components Datasheet Search
  English  ▼

X  

SLMA004 Datasheet(PDF) 7 Page - Texas Instruments

Part # SLMA004
Description  2-A DUAL NON-SYNCHRONOUS CONVERTER WITH INTEGRATED HIGH-SIDE MOSFET
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SLMA004 Datasheet(HTML) 7 Page - Texas Instruments

Back Button SLMA004 Datasheet HTML 3Page - Texas Instruments SLMA004 Datasheet HTML 4Page - Texas Instruments SLMA004 Datasheet HTML 5Page - Texas Instruments SLMA004 Datasheet HTML 6Page - Texas Instruments SLMA004 Datasheet HTML 7Page - Texas Instruments SLMA004 Datasheet HTML 8Page - Texas Instruments SLMA004 Datasheet HTML 9Page - Texas Instruments SLMA004 Datasheet HTML 10Page - Texas Instruments SLMA004 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 55 page
background image
www.ti.com
788
793
798
803
808
-50
-25
0
25
50
75
100
125
T
JunctionTemperature
C
°
J -
-
2.6
2.8
3.0
3.2
3.4
-50
-25
0
25
50
75
100
125
T
JunctionTemperature
C
°
J -
-
V
PVDDx
24V
=
V
PVDDx
12V
=
V
PVDDx
5V
=
1.2
1.4
1.6
1.8
-50
-25
0
25
50
75
100
125
T
JunctionTemperature
C
°
J -
-
V
PVDDx
=
24V
V
PVDDx
=
12V
V
PVDDx
=
5V
-50
-25
0
25
50
75
100
125
T
J
- Junction Temperature - °C
2
3
1
4
5
TPS54283,, TPS54286
SLUS749C – JULY 2007 – REVISED OCTOBER 2007
TYPICAL CHARACTERISTICS (continued)
FEEDBACK VOLTAGE
OVERCURRENT LIMIT (CH1, CH2 HIGH LEVEL)
vs
vs
JUNCTION TEMPERATURE
JUNCTION TEMPERATURE
Figure 9.
Figure 10.
OVERCURRENT LIMIT (CH2 LOW LEVEL)
SWITCHING NODE LEAKAGE CURRENT
vs
vs
JUNCTION TEMPERATURE
JUNCTION TEMPERATURE
Figure 11.
Figure 12.
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): TPS54283 TPS54286



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com