Electronic Components Datasheet Search
  English  ▼

X  

DSM2190F4 Datasheet(PDF) 12 Page - STMicroelectronics

Part # DSM2190F4
Description  DSM (Digital Signal Processor System Memory) For Analog Devices ADSP-2191 DSPs (3.3V Supply)
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

DSM2190F4 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button DSM2190F4 Datasheet HTML 8Page - STMicroelectronics DSM2190F4 Datasheet HTML 9Page - STMicroelectronics DSM2190F4 Datasheet HTML 10Page - STMicroelectronics DSM2190F4 Datasheet HTML 11Page - STMicroelectronics DSM2190F4 Datasheet HTML 12Page - STMicroelectronics DSM2190F4 Datasheet HTML 13Page - STMicroelectronics DSM2190F4 Datasheet HTML 14Page - STMicroelectronics DSM2190F4 Datasheet HTML 15Page - STMicroelectronics DSM2190F4 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 61 page
background image
DSM2190F4
12/61
TYPICAL MEMORY MAP
There many different ways to place (or map) the
addresses of DSM memory and I/O depending on
system requirements. The DPLD allows complete
mapping flexibility. Figure 7 shows one possible
system memory map. In this case, the DSP will
bootload (via DMA) the contents of Main Flash
memory upon reset. The Secondary Flash memo-
ry can be used for parameter storage or additional
code storage. BMS and MSx are configured in the
DSP to be combined into the BMS signal, allowing
the DSP to access both Flash memories at runt-
ime (after DMA boot). The DSP may execute code
directly from the DSM and well as erase and write
new code or data to DSM Flash.
The nomenclature
fs0..fs7 are designators for the
individual sectors of Main Flash memory, 32K
bytes each.
csboot0..csboot3 are designators for
the individual Secondary Flash memory seg-
ments, 8K bytes each.
csiop designates the DSM
control register block.
The designer may easily specify memory mapping
in a point-and-click software environment using
PSDsoft ExpressTM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com