Electronic Components Datasheet Search
  English  ▼

X  

DSM2190F4 Datasheet(PDF) 48 Page - STMicroelectronics

Part # DSM2190F4
Description  DSM (Digital Signal Processor System Memory) For Analog Devices ADSP-2191 DSPs (3.3V Supply)
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

DSM2190F4 Datasheet(HTML) 48 Page - STMicroelectronics

Back Button DSM2190F4 Datasheet HTML 44Page - STMicroelectronics DSM2190F4 Datasheet HTML 45Page - STMicroelectronics DSM2190F4 Datasheet HTML 46Page - STMicroelectronics DSM2190F4 Datasheet HTML 47Page - STMicroelectronics DSM2190F4 Datasheet HTML 48Page - STMicroelectronics DSM2190F4 Datasheet HTML 49Page - STMicroelectronics DSM2190F4 Datasheet HTML 50Page - STMicroelectronics DSM2190F4 Datasheet HTML 51Page - STMicroelectronics DSM2190F4 Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 61 page
background image
DSM2190F4
48/61
Table 28. CPLD Macrocell Synchronous Clock Mode Timing
Note: 1. Fast Slew Rate output available on PB3-PB0, and PD2-PD0.
2. CLKIN (PD1) tCLCL = tCH + tCL .
Table 29. CPLD Macrocell Asynchronous Clock Mode Timing
Symbol
Parameter
Conditions
-15
PT
Aloc
Turbo
Off
Slew
Rate1
Unit
Min
Max
fMAX
Maximum Frequency
External Feedback
1/(tS+tCO)
18.8
MHz
Maximum Frequency
Internal Feedback (fCNT)
1/(tS+tCO–10)
23.2
MHz
Maximum Frequency
Pipelined Data
1/(tCH+tCL)
33.3
MHz
tS
Input Setup Time
25
Add 4
Add 20
ns
tH
Input Hold Time
0
ns
tCH
Clock High Time
Clock Input
15
ns
tCL
Clock Low Time
Clock Input
15
ns
tCO
Clock to Output Delay
Clock Input
28
Sub 6
ns
tARD
CPLD Array Delay
Any Macrocell
29
Add 4
ns
tMIN
Minimum Clock Period2
tCH+tCL
29
ns
Symbol
Parameter
Conditions
-15
PT
Aloc
Turbo
Off
Slew
Rate
Unit
Min
Max
fMAXA
Maximum Frequency
External Feedback
1/(tSA+tCOA)
19.2
MHz
Maximum Frequency
Internal Feedback (fCNTA)
1/(tSA+tCOA–10)
23.8
MHz
Maximum Frequency
Pipelined Data
1/(tCHA+tCLA)
27
MHz
tSA
Input Setup Time
12
Add 4
Add 20
ns
tHA
Input Hold Time
15
ns
tCHA
Clock High Time
22
Add 20
ns
tCLA
Clock Low Time
15
Add 20
ns
tCOA
Clock to Output Delay
40
Add 20
Sub 6
ns
tARD
CPLD Array Delay
Any Macrocell
29
Add 4
ns
tMINA
Minimum Clock Period
1/fCNTA
42
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com