Electronic Components Datasheet Search
  English  ▼

X  

DSM2190F4 Datasheet(PDF) 15 Page - STMicroelectronics

Part # DSM2190F4
Description  DSM (Digital Signal Processor System Memory) For Analog Devices ADSP-2191 DSPs (3.3V Supply)
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

DSM2190F4 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button DSM2190F4 Datasheet HTML 11Page - STMicroelectronics DSM2190F4 Datasheet HTML 12Page - STMicroelectronics DSM2190F4 Datasheet HTML 13Page - STMicroelectronics DSM2190F4 Datasheet HTML 14Page - STMicroelectronics DSM2190F4 Datasheet HTML 15Page - STMicroelectronics DSM2190F4 Datasheet HTML 16Page - STMicroelectronics DSM2190F4 Datasheet HTML 17Page - STMicroelectronics DSM2190F4 Datasheet HTML 18Page - STMicroelectronics DSM2190F4 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 61 page
background image
15/61
DSM2190F4
RUNTIME CONTROL REGISTER DEFINITION
There are up to 256 addresses decoded inside the
DSM device for control and status information. 27
of these locations contain registers that the DSP
can access at runtime. The base address of this
block of 256 locations is referred to in this manual
as
csiop (Chip Select I/O Port). Table 4 lists the 27
registers and their offsets (in hexadecimal) from
the
csiop base address needed to access individ-
ual DSM control and status registers. The DSP will
access these registers in I/O memory space using
its IOMS strobe. These registers are accesses in
bytes, so the DSP should ignore the upper byte of
its 16-bit I/O access.
Note1: All
csiop registers are cleared to logic 0 at
reset.
Note2: Do not write to unused locations within the
csiop block of 256 registers. They should remain
logic zero.
Table 4.
CSIOP Registers and their Offsets (in hexadecimal)
Register Name
Port B
Port C
Port D
Other
Description
Data In
01
10
11
MCUI/O input mode. Read to obtain current logic level of
Port pins. No writes.
Data Out
05
12
13
MCU I/O output mode. Write to set logic level on Port
pins. Read to check status.
Direction
07
14
15
MCU I/O mode. Configures Port pin as input or output.
Write to set direction of Port pins.
Logic 1 = out, Logic 0 = in. Read to check status.
Drive Select
09
16
17
Write to configure Port pins as either standard CMOS or
Open Drain on some pins, while selecting high slew rate
on other pins. Read to check status.
Input Macrocells
0B
18
Read to obtain state of IMCs. No writes.
Enable Out
0D
1A
1B
Read to obtain the status of the output enable logic on
each I/O Port driver. No writes.
Output Macrocells AB
20
Read to get logic state of output of OMC bank AB.
Write to load registers of OMC bank AB.
Output Macrocells BC
21
Read to get logic state of output of OMC bank BC.
Write to load registers of OMC bank BC.
Mask Macrocells AB
22
Write to set mask for loading OMCs in bank AB. A logic
1 in a bit position will block reads/writes of the
corresponding OMC. A logic 0 will pass OMC value.
Read to check status.
Mask Macrocells BC
23
Write to set mask for loading OMCs in bank BC. A logic
1 in a bit position will block reads/writes of the
corresponding OMC. A logic 0 will pass OMC value.
Read to check status.
Main Flash Sector
Protection
C0
Read to determine Main Flash Sector Protection
Setting. No writes.
Security Bit and
Secondary Flash
Sector Protection
C2
Read to determine if DSM devices Security Bit is active.
Logic 1 = device secured.
Also read to determine Secondary Flash Protection
Setting status. No Writes.
JTAG Enable
C7
Write to enable JTAG Pins (optional feature). Read to
check status.
PMMR0
B0
Power Management Register 0. Write and read.
PMMR2
B4
Power Management Register 2. Write and read.
Page
E0
Memory Page Register. Write and read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com