Electronic Components Datasheet Search
  English  ▼

X  

DSM2190F4 Datasheet(PDF) 35 Page - STMicroelectronics

Part # DSM2190F4
Description  DSM (Digital Signal Processor System Memory) For Analog Devices ADSP-2191 DSPs (3.3V Supply)
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

DSM2190F4 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button DSM2190F4 Datasheet HTML 31Page - STMicroelectronics DSM2190F4 Datasheet HTML 32Page - STMicroelectronics DSM2190F4 Datasheet HTML 33Page - STMicroelectronics DSM2190F4 Datasheet HTML 34Page - STMicroelectronics DSM2190F4 Datasheet HTML 35Page - STMicroelectronics DSM2190F4 Datasheet HTML 36Page - STMicroelectronics DSM2190F4 Datasheet HTML 37Page - STMicroelectronics DSM2190F4 Datasheet HTML 38Page - STMicroelectronics DSM2190F4 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 61 page
background image
35/61
DSM2190F4
Figure 22. Port D Structure
Port D – Functionality and Structure
Port D has three I/O pins. See Figure 22 and Fig-
ure 23. Port D can be configured to perform one or
more of the following functions:
s
MCU I/O Mode
s
DPLD Output – External Chip Selects, ECS0-2
does not consume OMCs
s
CPLD Input – direct input to the CPLD, does not
use IMCs
s
Slew rate – pins can be set up for fast slew rate
Port D pins can be configured in PSDsoft as in-
put pins for other dedicated functions:
s
CLKIN (PD1) as input to the OMCs Flip-flops
s
PSD Chip Select Input (CSI, PD2). Driving this
signal logic High disables the Flash memory,
putting it in standby mode.
External Chip Select. The DPLD also provides
three External Chip Select outputs (ESC0-2) on
Port D pins that can be used to select external de-
vices as defined in PSDsoft Express. Each Exter-
nal Chip Select consists of one product term that
can be configured active High or Low. The output
enable of the pin is controlled by either the output
enable product term or the Direction Register.
(See Figure 23.) External Chip Selects for Port D
pins do not consume OMCs. External chip select
outputs can also come from the CPLD if chip se-
lect equations are specified in PSDsoft Express for
Ports B or C.
DATA OUT
REG.
DQ
DQ
WR
WR
ECS[ 2: 0]
READ MUX
P
D
B
CPLD - INPUT
DIR REG.
DATA IN
ENABLE PRODUCT
TERM (.OE)
OUTPUT
SELECT
OUTPUT
MUX
PORT D PIN
DATA OUT
AI02889



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com