Electronic Components Datasheet Search
  English  ▼

X  

ISO7740 Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7740
Description  High-Speed, Robust-EMC Reinforced Quad-Channel Digital Isolators
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO7740 Datasheet(HTML) 20 Page - Texas Instruments

Back Button ISO7740 Datasheet HTML 16Page - Texas Instruments ISO7740 Datasheet HTML 17Page - Texas Instruments ISO7740 Datasheet HTML 18Page - Texas Instruments ISO7740 Datasheet HTML 19Page - Texas Instruments ISO7740 Datasheet HTML 20Page - Texas Instruments ISO7740 Datasheet HTML 21Page - Texas Instruments ISO7740 Datasheet HTML 22Page - Texas Instruments ISO7740 Datasheet HTML 23Page - Texas Instruments ISO7740 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 43 page
background image
Free-Air Temperature (qC)
-55
-5
45
95
125
1.65
1.70
1.75
1.80
1.85
1.90
1.95
2.00
2.05
2.10
D013
VCC1 Rising
VCC1 Falling
VCC2 Rising
VCC2 Falling
Free-Air Temperature (qC)
-55
-25
5
35
65
95
125
8
9
10
11
12
13
14
D014
tPHL at 2.5 V
tPLH at 2.5 V
tPHL at 3.3 V
tPLH at 3.3 V
tPHL at 5 V
tPLH at 5 V
High-Level Output Current (mA)
-15
-10
-5
0
0
1
2
3
4
5
6
D011
VCC at 2.5 V
VCC at 3.3 V
VCC at 5 V
Low-Level Output Current (mA)
0
5
10
15
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
D012
VCC at 2.5 V
VCC at 3.3 V
VCC at 5 V
20
ISO7740, ISO7741, ISO7742
SLLSEP4D – MARCH 2016 – REVISED MAY 2017
www.ti.com
Product Folder Links: ISO7740 ISO7741 ISO7742
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
Typical Characteristics (continued)
TA = 25°C
Figure 11. High-Level Output Voltage vs High-level Output
Current
TA = 25°C
Figure 12. Low-Level Output Voltage vs Low-Level Output
Current
Figure 13. Power Supply Undervoltage Threshold vs Free-
Air Temperature
Figure 14. Propagation Delay Time vs Free-Air Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com