Electronic Components Datasheet Search
  English  ▼

X  

ISO7740 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7740
Description  High-Speed, Robust-EMC Reinforced Quad-Channel Digital Isolators
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO7740 Datasheet(HTML) 7 Page - Texas Instruments

Back Button ISO7740 Datasheet HTML 3Page - Texas Instruments ISO7740 Datasheet HTML 4Page - Texas Instruments ISO7740 Datasheet HTML 5Page - Texas Instruments ISO7740 Datasheet HTML 6Page - Texas Instruments ISO7740 Datasheet HTML 7Page - Texas Instruments ISO7740 Datasheet HTML 8Page - Texas Instruments ISO7740 Datasheet HTML 9Page - Texas Instruments ISO7740 Datasheet HTML 10Page - Texas Instruments ISO7740 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 43 page
background image
7
ISO7740, ISO7741, ISO7742
www.ti.com
SLLSEP4D – MARCH 2016 – REVISED MAY 2017
Product Folder Links: ISO7740 ISO7741 ISO7742
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report (SPRA953).
6.4 Thermal Information
THERMAL METRIC(1)
ISO774x
UNIT
DW (SOIC)
DBQ (QSOP)
16 Pins
16 Pins
RθJA
Junction-to-ambient thermal resistance
83.4
109
°C/W
RθJC(top)
Junction-to-case(top) thermal resistance
46
54.4
°C/W
RθJB
Junction-to-board thermal resistance
48
51.9
°C/W
ψJT
Junction-to-top characterization parameter
19.1
14.2
°C/W
ψJB
Junction-to-board characterization parameter
47.5
51.4
°C/W
RθJC(bottom)
Junction-to-case(bottom) thermal resistance
—
—
°C/W
6.5 Power Rating
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ISO7740
PD
Maximum power dissipation
VCC1 = VCC2 = 5.5 V, TJ = 150°C, CL = 15 pF,
Input a 50-MHz 50% duty cycle square wave
200
mW
PD1
Maximum power dissipation by side-1
40
mW
PD2
Maximum power dissipation by side-2
160
mW
ISO7741
PD
Maximum power dissipation
VCC1 = VCC2 = 5.5 V, TJ = 150°C, CL = 15 pF,
Input a 50-MHz 50% duty cycle square wave
200
mW
PD1
Maximum power dissipation by side-1
50
mW
PD2
Maximum power dissipation by side-2
150
mW
ISO7742
PD
Maximum power dissipation
VCC1 = VCC2 = 5.5 V, TJ = 150°C, CL = 15 pF,
Input a 50-MHz 50% duty cycle square wave
200
mW
PD1
Maximum power dissipation by side-1
100
mW
PD2
Maximum power dissipation by side-2
100
mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com