Electronic Components Datasheet Search
  English  ▼

X  

ISO7740 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7740
Description  High-Speed, Robust-EMC Reinforced Quad-Channel Digital Isolators
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO7740 Datasheet(HTML) 9 Page - Texas Instruments

Back Button ISO7740 Datasheet HTML 5Page - Texas Instruments ISO7740 Datasheet HTML 6Page - Texas Instruments ISO7740 Datasheet HTML 7Page - Texas Instruments ISO7740 Datasheet HTML 8Page - Texas Instruments ISO7740 Datasheet HTML 9Page - Texas Instruments ISO7740 Datasheet HTML 10Page - Texas Instruments ISO7740 Datasheet HTML 11Page - Texas Instruments ISO7740 Datasheet HTML 12Page - Texas Instruments ISO7740 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 43 page
background image
9
ISO7740, ISO7741, ISO7742
www.ti.com
SLLSEP4D – MARCH 2016 – REVISED MAY 2017
Product Folder Links: ISO7740 ISO7741 ISO7742
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
6.7 Safety-Related Certifications
DW package devices certified. All other certifications are planned.
VDE
CSA
UL
CQC
TUV
Certified according to DIN
V VDE V 0884-10 (VDE V
0884-10):2006-12
Certified under CSA Component
Acceptance Notice 5A, IEC
60950-1 and IEC 60601-1
Certified according to UL 1577
Component Recognition
Program
Certified according to GB
4943.1-2011
Certified according to EN
61010-1:2010 (3rd Ed) and
EN 60950-
1:2006/A11:2009/A1:2010/A
12:2011/A2:2013
Maximum transient
isolation voltage, 8000 VPK
(DW-16) and 3600 VPK
(DBQ-16);
Maximum repetitive peak
isolation voltage, 1414 VPK
(DW-16, Reinforced) and
566 VPK (DBQ-16);
Maximum surge isolation
voltage, 8000 VPK (DW-
16) and 4000 VPK (DBQ-
16)
Reinforced insulation per CSA
60950-1-07+A1+A2 and IEC
60950-1 2nd Ed.,
800 VRMS (DW-16) and 370 VRMS
(DBQ-16) max working voltage
(pollution degree 2, material
group I);
2 MOPP (Means of Patient
Protection) per CSA 60601-1:14
and IEC 60601-1 Ed. 3.1, 250
VRMS (DW-16) max working
voltage
DW-16: Single protection, 5000
VRMS;
DBQ-16: Single protection,
2500 VRMS
DW-16: Reinforced Insulation,
Altitude
≤ 5000 m, Tropical
Climate, 400 VRMS maximum
working voltage;
DBQ-16: Basic Insulation,
Altitude
≤ 5000 m, Tropical
Climate, 250 VRMS maximum
working voltage
5000 VRMS (DW-16) and
2500 VRMS (DBQ-16)
Reinforced insulation per
EN 61010-1:2010 (3rd Ed)
up to working voltage of 600
VRMS (DW-16) and 300
VRMS (DBQ-16)
5000 VRMS (DW-16) and
2500 VRMS (DBQ-16)
Reinforced insulation per
EN 60950-
1:2006/A11:2009/A1:2010/A
12:2011/A2:2013 up to
working voltage of 800 VRMS
(DW-16) and 370 VRMS
(DBQ-16)
Certificate number:
40040142
Master contract number: 220991
File number: E181974
Certificate number:
CQC15001121716
Client ID number: 77311
(1)
The maximum safety temperature is the maximum junction temperature specified for the device. The power dissipation and junction-to-
air thermal impedance of the device installed in the application hardware determines the junction temperature. The assumed junction-to-
air thermal resistance in the Thermal Information is that of a device installed on a High-K test board for leaded Surface Mount Packages.
The power is the recommended maximum input voltage times the current. The junction temperature is then the ambient temperature
plus the power times the junction-to-air thermal resistance
6.8 Safety Limiting Values
Safety limiting
(1) intends to minimize potential damage to the isolation barrier upon failure of input or output circuitry. A failure
of the I/O can allow low resistance to ground or the supply and, without current limiting, dissipate sufficient power to overheat
the die and damage the isolation barrier potentially leading to secondary system failures.
PARAMETER
TEST CONDITIONS
MIN
TYP MAX
UNIT
DW-16 PACKAGE
IS
Safety input, output, or supply
current
RθJA = 83.4 °C/W, VI = 5.5 V, TJ = 150°C, TA = 25°C, see Figure 1
273
mA
RθJA = 83.4 °C/W, VI = 3.6 V, TJ = 150°C, TA = 25°C, see Figure 1
416
RθJA = 83.4 °C/W, VI = 2.75 V, TJ = 150°C, TA = 25°C, see
Figure 1
545
PS
Safety input, output, or total power RθJA = 83.4 °C/W, TJ = 150°C, TA = 25°C, see Figure 3
1499
mW
TS
Maximum safety temperature
150
°C
DBQ-16 PACKAGE
IS
Safety input, output, or supply
current
RθJA = 109 °C/W, VI = 5.5 V, TJ = 150°C, TA = 25°C, see Figure 2
209
mA
RθJA = 109 °C/W, VI = 3.6 V, TJ = 150°C, TA = 25°C, see Figure 2
319
RθJA = 109 °C/W, VI = 2.75 V, TJ = 150°C, TA = 25°C, see
Figure 2
417
PS
Safety input, output, or total power RθJA = 109 °C/W, TJ = 150°C, TA = 25°C, see Figure 4
1147
mW
TS
Maximum safety temperature
150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com