Electronic Components Datasheet Search
  English  ▼

X  

ISO7740 Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7740
Description  High-Speed, Robust-EMC Reinforced Quad-Channel Digital Isolators
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO7740 Datasheet(HTML) 28 Page - Texas Instruments

Back Button ISO7740 Datasheet HTML 24Page - Texas Instruments ISO7740 Datasheet HTML 25Page - Texas Instruments ISO7740 Datasheet HTML 26Page - Texas Instruments ISO7740 Datasheet HTML 27Page - Texas Instruments ISO7740 Datasheet HTML 28Page - Texas Instruments ISO7740 Datasheet HTML 29Page - Texas Instruments ISO7740 Datasheet HTML 30Page - Texas Instruments ISO7740 Datasheet HTML 31Page - Texas Instruments ISO7740 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 43 page
background image
Time = 2.5 ns / div
Time = 2.5 ns / div
Time = 2.5 ns / div
28
ISO7740, ISO7741, ISO7742
SLLSEP4D – MARCH 2016 – REVISED MAY 2017
www.ti.com
Product Folder Links: ISO7740 ISO7741 ISO7742
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
9.2.3 Application Curve
The following typical eye diagrams of the ISO774x family of devices indicates low jitter and wide open eye at the
maximum data rate of 100 Mbps.
Figure 24. Eye Diagram at 100 Mbps PRBS 216 – 1, 5 V and
25°C
Figure 25. Eye Diagram at 100 Mbps PRBS 216 – 1, 3.3 V
and 25°C
Figure 26. Eye Diagram at 100 Mbps PRBS 216 – 1, 2.5 V and 25°C
10 Power Supply Recommendations
To help ensure reliable operation at data rates and supply voltages, a 0.1-μF bypass capacitor is recommended
at the input and output supply pins (VCC1 and VCC2). The capacitors should be placed as close to the supply pins
as possible. If only a single primary-side power supply is available in an application, isolated power can be
generated for the secondary-side with the help of a transformer driver such as Texas Instruments' SN6501 or
SN6505A. For such applications, detailed power supply design and transformer selection recommendations are
available in SN6501 Transformer Driver for Isolated Power Supplies (SLLSEA0) or SN6505A Low-Noise 1-A
Transformer Drivers for Isolated Power Supplies (SLLSEP9).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com