Electronic Components Datasheet Search
  English  ▼

X  

HD64645 Datasheet(PDF) 44 Page - Hitachi Semiconductor

Part # HD64645
Description  LCTC (LCD Timing Controller)
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD64645 Datasheet(HTML) 44 Page - Hitachi Semiconductor

Back Button HD64645 Datasheet HTML 40Page - Hitachi Semiconductor HD64645 Datasheet HTML 41Page - Hitachi Semiconductor HD64645 Datasheet HTML 42Page - Hitachi Semiconductor HD64645 Datasheet HTML 43Page - Hitachi Semiconductor HD64645 Datasheet HTML 44Page - Hitachi Semiconductor HD64645 Datasheet HTML 45Page - Hitachi Semiconductor HD64645 Datasheet HTML 46Page - Hitachi Semiconductor HD64645 Datasheet HTML 47Page - Hitachi Semiconductor HD64645 Datasheet HTML 48Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 50 page
background image
HD64645/64646
44
Memory Interface (V
CC = 5.0V ± 10%, GND = 0V, Ta = –20°C to +75°C, unless otherwise noted)
Item
Symbol
Min
Typ
Max
Unit
Figure
DCLK cycle time
t
CYCD
100
—
—
ns
37
DCLK high level width
t
WDH
30
——ns
DCLK low level width
t
WDL
30
——ns
DCLK rise time
t
Dr
—
—
20
ns
DCLK fall time
t
Df
—
—
20
ns
MCLK delay time
t
DMD
—
—
60
ns
MCLK rise time
t
Mr
—
—
30
ns
MCLK fall time
t
Mf
—
—
30
ns
MA0–MA15 delay time
t
MAD
—
—
150
ns
MA0–MA15 hold time
t
MAH
10
——ns
RA0–RA4 delay time
t
RAD
—
—
150
ns
RA0–RA4 hold time
t
RAH
10
——ns
DISPTMG delay time
t
DTD
—
—
150
ns
DISPTMG hold time
t
DTH
10
——ns
CUDISP delay time
t
CDD
—
—
150
ns
CUDISP hold time
t
CDH
10
——ns
CL1 delay time
t
CL1D
—
—
150
ns
CL1 hold time
t
CL1H
10
——ns
CL1 rise time
t
CL1r
—
—
50
ns
CL1 fall time
t
CL1f
—
—
50
ns
MD0–MD15 setup time
t
MDS
30
——ns
MD0–MD15 hold time
t
MDH
15
——ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com