Electronic Components Datasheet Search
  English  ▼

X  

HD64645 Datasheet(PDF) 8 Page - Hitachi Semiconductor

Part # HD64645
Description  LCTC (LCD Timing Controller)
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD64645 Datasheet(HTML) 8 Page - Hitachi Semiconductor

Back Button HD64645 Datasheet HTML 4Page - Hitachi Semiconductor HD64645 Datasheet HTML 5Page - Hitachi Semiconductor HD64645 Datasheet HTML 6Page - Hitachi Semiconductor HD64645 Datasheet HTML 7Page - Hitachi Semiconductor HD64645 Datasheet HTML 8Page - Hitachi Semiconductor HD64645 Datasheet HTML 9Page - Hitachi Semiconductor HD64645 Datasheet HTML 10Page - Hitachi Semiconductor HD64645 Datasheet HTML 11Page - Hitachi Semiconductor HD64645 Datasheet HTML 12Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 50 page
background image
HD64645/64646
8
Table 3
Functions, Application, and Configuration
Classification
Item
Description
Functions
Screen format
• Programmable horizontal scanning cycle by the character
clock period
• Programmable multiplexing duty ratio from static up to
1/512
• Programmable number of vertical displayed characters
• Programmable number of rasters per character row
(number of vertical dots within a character row + space
between character rows)
Cursor control
• Programmable cursor display position, corresponding to
RAM address
• Programmable cursor height by setting display start/end
rasters
• Programmable blink rate, 1/32 or 1/64 frame rate
Memory rewriting
• Time for rewriting memory set either by specifying number
of horizontal total characters or by cycle steal utilizing
MCLK
Memory addressing
• 16-bit memory address output, up to 64 kbytes × 2
memory accessible
• DRAM refresh address output
Paging and scrolling
• Paging by updating start address
• Horizontal scrolling by the character, by setting horizontal
virtual screen width
• Vertical smooth scrolling by updating display start raster
Character attributes
• Reverse video, blinking, nondisplay (white or black),
display ON/OFF
Application
CRTC compatible
• Facilitates system replacement of CRT display with LCD
OR function
• Enables superimposing display of character screen and
graphic screen
Configuration
LCTC configuration
• Single 5 V power supply
• I/O TTL compatible except RES, MODE, SK0, SK1
• Bus connectable with 80 family
• CMOS process
• Internal logic fully static
• 80-pin flat plastic package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com