Electronic Components Datasheet Search
  English  ▼

X  

HD64645 Datasheet(PDF) 21 Page - Hitachi Semiconductor

Part # HD64645
Description  LCTC (LCD Timing Controller)
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD64645 Datasheet(HTML) 21 Page - Hitachi Semiconductor

Back Button HD64645 Datasheet HTML 17Page - Hitachi Semiconductor HD64645 Datasheet HTML 18Page - Hitachi Semiconductor HD64645 Datasheet HTML 19Page - Hitachi Semiconductor HD64645 Datasheet HTML 20Page - Hitachi Semiconductor HD64645 Datasheet HTML 21Page - Hitachi Semiconductor HD64645 Datasheet HTML 22Page - Hitachi Semiconductor HD64645 Datasheet HTML 23Page - Hitachi Semiconductor HD64645 Datasheet HTML 24Page - Hitachi Semiconductor HD64645 Datasheet HTML 25Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 50 page
background image
HD64645/64646
21
Character Mode and Graphic Mode
The LCTC supports two types of display modes; character mode and graphic mode. Graphic mode 2 is
provided to utilize software for a system using the CRTC (HD6845).
The display mode is controlled by an OR between the mode select pins (D/
S, G/C, LS, WIDE, AT) and
mode register (R22).
Character Mode: character mode displays characters by using CG-ROM. The display data supplied from
memory is accessed in 8-bit units. A variety of character attribute functions are provided, such as reverse
video, blinking, nondisplay (white or black), by storing the attribute data in attribute RAM (A-RAM).
Figure 10 illustrates the relation between character display screen and memory contents.
Graphic Mode 1: Graphic mode 1 directly displays data stored in a graphic memory buffer. The display
data supplied from memory is accessed in 16-bit units. Character attribute functions or wide mode are not
provided. Figure 11 illustrates the relation between graphic display screen and memory contents.
Graphic Mode 2: Graphic mode 2 utilizes software for a system using the CRTC (HD6845). The display
data supplied from memory is accessed in 16-bit units. Character attribute functions or wide mode are not
provided. The same memory addresses are output repeatedly the number of times specified by maximum
raster register (R9). The raster address is output in the same way as in character mode.
Reverse
video
Blinking
1st
row
2nd
row
VRAM
(char.
code)
ARAM
(Attr.
code)
8-bit
8-bit
41
42
43
44
45
46
08
20
00
00
00
00
Reverse video
Blinking
Start
address
1st
row
2nd
row
Figure 10 Relation between Character Screen and Memory Contents



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com