Electronic Components Datasheet Search
  English  ▼

X  

HD64645 Datasheet(PDF) 39 Page - Hitachi Semiconductor

Part # HD64645
Description  LCTC (LCD Timing Controller)
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD64645 Datasheet(HTML) 39 Page - Hitachi Semiconductor

Back Button HD64645 Datasheet HTML 35Page - Hitachi Semiconductor HD64645 Datasheet HTML 36Page - Hitachi Semiconductor HD64645 Datasheet HTML 37Page - Hitachi Semiconductor HD64645 Datasheet HTML 38Page - Hitachi Semiconductor HD64645 Datasheet HTML 39Page - Hitachi Semiconductor HD64645 Datasheet HTML 40Page - Hitachi Semiconductor HD64645 Datasheet HTML 41Page - Hitachi Semiconductor HD64645 Datasheet HTML 42Page - Hitachi Semiconductor HD64645 Datasheet HTML 43Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 50 page
background image
HD64645/64646
39
Reset
RES pin determines the internal state of LSI counters and the like. This pin does not affect register contents
nor does it basically control output terminals.
Reset is defined as follows (Figure 35):
• At reset: the time when RES goes low
• During reset: the period while RES remains low
• After reset: the period on and after the RES transition from low to high
• Make sure to hold the reset signal low for at least 1 µs
RES pin should be pulled high by users during operation.
Reset State of Pins
RES pin does not basically control output pins, and operates regardless of other input pins.
1. Preserve states before reset
LU0–LU3, LD0–LD3, FLM, CL1, RA0–RA4
2. Fixed at high level
MLCK
3. Preserve states before reset or fixed at low level according to the timing when the reset signal is input
DISPTMG, CUDISP, MA0–MA15
4. Fixed at high or low according to mode
CL2
5. Unaffected
DB0–DB7
Reset State of Registers
RES pin does not affect register contents. Therefore, registers can be read or written even during a reset
state; their contents will be preserved regardless of reset until they are rewritten to.
Notes for HD64645/HD64646
1. The HD64645/HD64646 are CMOS LSIs, and it should be noted that input pins must not be left
disconnected, etc.
2. At power-on, the state of internal registers becomes undefined. The LSI operation is undefined until all
internal registers have been programmed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com