Electronic Components Datasheet Search
  English  ▼

X  

HD64646FS Datasheet(PDF) 46 Page - Hitachi Semiconductor

Part # HD64646FS
Description  LCTC (LCD Timing Controller)
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD64646FS Datasheet(HTML) 46 Page - Hitachi Semiconductor

Back Button HD64646FS Datasheet HTML 42Page - Hitachi Semiconductor HD64646FS Datasheet HTML 43Page - Hitachi Semiconductor HD64646FS Datasheet HTML 44Page - Hitachi Semiconductor HD64646FS Datasheet HTML 45Page - Hitachi Semiconductor HD64646FS Datasheet HTML 46Page - Hitachi Semiconductor HD64646FS Datasheet HTML 47Page - Hitachi Semiconductor HD64646FS Datasheet HTML 48Page - Hitachi Semiconductor HD64646FS Datasheet HTML 49Page - Hitachi Semiconductor HD64646FS Datasheet HTML 50Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 46 / 50 page
background image
HD64645/64646
46
LCD Interface 1 (HD64645) (V
CC = 5.0V ± 10%, GND = 0V, Ta = –20°C to +75°C)
Item
Symbol
Min
Typ
Max
Unit
Figure
Display data setup time
t
LDS
50
——ns
38
Display data hold time
t
LDH
100
—
—
ns
CL2 high level width
t
WCL2H
100
—
—
ns
CL2 low level width
t
WCL2L
100
—
—
ns
FLM setup time
t
FS
500
—
—
ns
FLM hold time
t
FH
300
—
—
ns
CL1 rise time
t
CL1r
—
—
50
ns
CL1 fall time
t
CL1f
—
—
50
ns
CL2 rise time
t
CL2r
—
—
50
ns
CL2 fall time
t
CL2f
—
—
50
ns
Note:
At f
CL2 = 3 MHz
VCC – 0.8V
0.8V
tLDS
tLDH
tWCL2H
tWCL2L
tCL2r
tCL2f
VCC – 0.8V
0.8V
VCC – 0.8V
0.8V
tFH
tCLIf
tFS
tCLIr
VCC – 0.8V
0.8V
LU0–LU3
LD0–LD3
CL2
CL1
FLM
Figure 38 LCD Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com