Electronic Components Datasheet Search
  English  ▼

X  

HD64646FS Datasheet(PDF) 6 Page - Hitachi Semiconductor

Part # HD64646FS
Description  LCTC (LCD Timing Controller)
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD64646FS Datasheet(HTML) 6 Page - Hitachi Semiconductor

Back Button HD64646FS Datasheet HTML 2Page - Hitachi Semiconductor HD64646FS Datasheet HTML 3Page - Hitachi Semiconductor HD64646FS Datasheet HTML 4Page - Hitachi Semiconductor HD64646FS Datasheet HTML 5Page - Hitachi Semiconductor HD64646FS Datasheet HTML 6Page - Hitachi Semiconductor HD64646FS Datasheet HTML 7Page - Hitachi Semiconductor HD64646FS Datasheet HTML 8Page - Hitachi Semiconductor HD64646FS Datasheet HTML 9Page - Hitachi Semiconductor HD64646FS Datasheet HTML 10Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 50 page
background image
HD64645/64646
6
Timing Signal
D Clock (DCLK): DCLK inputs the system clock.
M Clock (MCLK): MCLK indicates memory cycle; DCLK is divided by four.
Display Timing (DISPTMG): DISPTMG high indicates that the LCTC is reading display data.
Cursor Display (CUDISP): CUDISP supplies cursor display timing; connect with MD12 in character
mode.
Skew 0 (SK0)/Skew 1 (SK1): SK0 and SK1 control skew timing. Refer to Table 2.
Mode Select
The mode select pins ON/
OFF, BLE, AT, G/C, and WIDE are ORed with the mode register (R22) to
determine the mode.
On/Off (ON/
OFF): ON/OFF switches display on and off (high = display on).
Blink Enable (BLE): BLE high level enables attribute code “blinking” (MD13) and provides normal/blank
blinking of specified characters for 32 frames each.
Attribute (AT): AT controls character attribute functions.
Graphic/Character (G/
C): G/C switches between graphic and character display mode (graphic display
when high).
Wide (WIDE): WIDE switches between normal and wide display mode (high = wide display, low =
normal display).
Large Screen (LS): LS controls a large screen. LS high provides a data transfer rate of 40 Mbits/s for a
graphic display. Also used to specify 8-bit LCD interface mode. For more details, refer to Table 10.
Dual/Single (D/
S): D/S switches between single and dual screen display (dual screen display when high).
Mode (MODE): MODE controls easy mode. MODE high sets duty ratio, maximum number of rasters,
cursor start/end rasters, etc. (Refer to Table 8.)
Table 1
LCD Up Panel Data and LCD Down Panel Data
Single Screen
Pin Name
4-Bit Data
8-Bit Data
Dual Screen
LU0–LU3
Data output
Data output
Data output for upper screen
LD0–LD3
Disconnected
Data output
Data output for lower screen



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com