Electronic Components Datasheet Search
  English  ▼

X  

YZP0008 Datasheet(PDF) 4 Page - Texas Instruments

Part # YZP0008
Description  3.6-V, 3-A, 7.5-m(ohm) On-Resistance Load Switch With Adjustable Fast Turnon and Power Good
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

YZP0008 Datasheet(HTML) 4 Page - Texas Instruments

  YZP0008 Datasheet HTML 1Page - Texas Instruments YZP0008 Datasheet HTML 2Page - Texas Instruments YZP0008 Datasheet HTML 3Page - Texas Instruments YZP0008 Datasheet HTML 4Page - Texas Instruments YZP0008 Datasheet HTML 5Page - Texas Instruments YZP0008 Datasheet HTML 6Page - Texas Instruments YZP0008 Datasheet HTML 7Page - Texas Instruments YZP0008 Datasheet HTML 8Page - Texas Instruments YZP0008 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
4
TPS22971
SLVSDK7 – APRIL 2017
www.ti.com
Product Folder Links: TPS22971
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
VIN
Input voltage
–0.3
4
V
VOUT
Output voltage
–0.3
4
V
VON
ON voltage
–0.3
4
V
VPG
PG voltage
–0.3
4
V
IMAX
Maximum continuous switch current
3
A
IPLS
Maximum pulsed switch current, pulse < 300-µs, 2% duty cycle
4
A
TJ
Maximum junction temperature
Internally Limited
Tstg
Storage temperature
–65
150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
±1000
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VIN
Input voltage
0.65
3.6
V
VOUT
Output voltage
VIN
V
VIH
High-level input voltage, ON
0.9
3.6
V
VIL
Low-level input voltage, ON
0
0.45
V
TJ
Operating temperature
–40
125
°C
CT
CT pin capacitor voltage rating
7
V
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
6.4 Thermal Information
THERMAL METRIC (1)
TPS22971
UNIT
YZP (DSBGA)
8 PINS
RθJA
Junction-to-ambient thermal resistance
130
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
54
°C/W
RθJB
Junction-to-board thermal resistance
51
°C/W
ψJT
Junction-to-top characterization parameter
1
°C/W
ψJB
Junction-to-board characterization parameter
50
°C/W
6.5 Switching Characteristics
VIN = 1 V, VON = 1 V, TA = 0ºC to 85ºC (unless otherwise noted)
PARAMETER
TEST CONDITION
TYP
MAX
UNIT
tON
Turnon time
CT = OPEN
30
65
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com