Electronic Components Datasheet Search
  English  ▼

X  

YZP0008 Datasheet(PDF) 12 Page - Texas Instruments

Part # YZP0008
Description  3.6-V, 3-A, 7.5-m(ohm) On-Resistance Load Switch With Adjustable Fast Turnon and Power Good
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

YZP0008 Datasheet(HTML) 12 Page - Texas Instruments

Back Button YZP0008 Datasheet HTML 8Page - Texas Instruments YZP0008 Datasheet HTML 9Page - Texas Instruments YZP0008 Datasheet HTML 10Page - Texas Instruments YZP0008 Datasheet HTML 11Page - Texas Instruments YZP0008 Datasheet HTML 12Page - Texas Instruments YZP0008 Datasheet HTML 13Page - Texas Instruments YZP0008 Datasheet HTML 14Page - Texas Instruments YZP0008 Datasheet HTML 15Page - Texas Instruments YZP0008 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
12
TPS22971
SLVSDK7 – APRIL 2017
www.ti.com
Product Folder Links: TPS22971
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
10 Power Supply Recommendations
The device is designed to operate from a VIN range of 0.65 V to 3.6 V. The VIN power supply must be well
regulated and placed as close to the device terminal as possible. The power supply must be able to withstand all
transient load current steps. In most situations, using an input capacitance of 1 µF is sufficient to prevent the
supply voltage from dipping when the switch is turned on. In cases where the power supply is slow to respond to
a large transient current or large load current step, additional bulk capacitance may be required on the input.
The requirements for larger input capacitance can be mitigated by adding additional capacitance to the CT pin.
This causes the load switch to turn on more slowly. Not only does this reduce transient inrush current, but it also
gives the power supply more time to respond to the load current step.
11 Layout
11.1 Layout Guidelines
All traces must be as short as possible for best performance. Using wide traces for VIN, VOUT, and GND helps
minimize the parasitic electrical effects along with minimizing the case to ambient thermal impedance.
11.2 Layout Example
Figure 5. Package Layout Examples



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com